Electronic Components Datasheet Search
  English  ▼

X  

AD5322 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5322
Description  2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5322 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5322 Datasheet HTML 8Page - Analog Devices AD5322 Datasheet HTML 9Page - Analog Devices AD5322 Datasheet HTML 10Page - Analog Devices AD5322 Datasheet HTML 11Page - Analog Devices AD5322 Datasheet HTML 12Page - Analog Devices AD5322 Datasheet HTML 13Page - Analog Devices AD5322 Datasheet HTML 14Page - Analog Devices AD5322 Datasheet HTML 15Page - Analog Devices AD5322 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
REV. 0
AD5302/AD5312/AD5322
–15–
Decoding Multiple AD5302/AD5312/AD5322s
The
SYNC pin on the AD5302/AD5312/AD5322 can be used
in applications to decode a number of DACs. In this applica-
tion, all the DACs in the system receive the same serial clock
and serial data, but only the
SYNC to one of the devices will be
active at any one time allowing access to two channels in this
eight-channel system. The 74HC139 is used as a 2-to-4 line
decoder to address any of the DACs in the system. To prevent
timing errors from occurring, the enable input should be brought
to its inactive state while the coded address inputs are changing
state. Figure 40 shows a diagram of a typical setup for decoding
multiple AD5302/AD5312/AD5322 devices in a system.
74HC139
VCC
VDD
ENABLE
CODED
ADDRESS
1G
1A
1B
DGND
1Y0
1Y1
1Y2
1Y3
SCLK
DIN
AD5302/AD5312/AD5322
SYNC
DIN
SCLK
SYNC
DIN
SCLK
SYNC
DIN
SCLK
SYNC
DIN
SCLK
AD5302/AD5312/AD5322
AD5302/AD5312/AD5322
AD5302/AD5312/AD5322
Figure 40. Decoding Multiple AD5302/AD5312/AD5322
Devices in a System
AD5302/AD5312/AD5322 as a Digitally Programmable
Window Detector
A digitally programmable upper/lower limit detector using the
two DACs in the AD5302/AD5312/AD5322 is shown in Figure
41. The upper and lower limits for the test are loaded to DACs
A and B which, in turn, set the limits on the CMP04. If the
signal at the VIN input is not within the programmed window,
an LED will indicate the fail condition.
AD5302/AD5312/
AD5322
VREFA
VREFB
SCLK
DIN
SYNC
VDD
GND
VOUTA
VOUTB
+5V
0.1 F
10 F
SCLK
DIN
SYNC
VREF
VIN
1/2
CMP04
1k
FAIL
PASS/
FAIL
1k
PASS
1/6 74HC05
Figure 41. Window Detector Using AD5302/AD5312/AD5322
Coarse and Fine Adjustment Using the AD5302/AD5312/
AD5322
The DACs in the AD5302/AD5312/AD5322 can be paired
together to form a coarse and fine adjustment function, as
shown in Figure 42. DAC A is used to provide the coarse ad-
justment while DAC B provides the fine adjustment. Varying
the ratio of R1 and R2 will change the relative effect of the
coarse and fine adjustments. With the resistor values and exter-
nal reference shown, the output amplifier has unity gain for the
DAC A output, so the output range is 0 V to 2.5 V – 1 LSB. For
DAC B the amplifier has a gain of 7.6
× 10–3, giving DAC B a
range equal to 19 mV.
The circuit is shown with a 2.5 V reference, but reference volt-
ages up to VDD may be used. The op amps indicated will allow a
rail-to-rail output swing.
1 F
VREFA
VDD
GND
VOUTB
0.1 F
10 F
VDD = +5V
VOUT
VIN
GND
EXT
REF
AD820/
OP295
+5V
R3
51.2k
R4
390
AD780/REF192
WITH VDD = +5V
VOUTA
VREFB
R1
390
R2
51.2k
VOUT
AD5302/AD5312/
AD5322
Figure 42. Coarse/Fine Adjustment
Power Supply Bypassing and Grounding
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. The printed circuit board on which the
AD5302/AD5312/AD5322 is mounted should be designed so
that the analog and digital sections are separated, and confined
to certain areas of the board. If the AD5302/AD5312/AD5322
is in a system where multiple devices require an AGND-to-DGND
connection, the connection should be made at one point only.
The star ground point should be established as close as possible
to the AD5302/AD5312/AD5322. The AD5302/AD5312/
AD5322 should have ample supply bypassing of 10
µF in paral-
lel with 0.1
µF on the supply located as close to the package as
possible, ideally right up against the device. The 10
µF capaci-
tors are the tantalum bead type. The 0.1
µF capacitor should
have low Effective Series Resistance (ESR) and Effective Series
Inductance (ESI), like the common ceramic types that provide a
low impedance path to ground at high frequencies to handle
transient currents due to internal logic switching.
The power supply lines of the AD5302/AD5312/AD5322 should
use as large a trace as possible to provide low impedance paths
and reduce the effects of glitches on the power supply line. Fast
switching signals such as clocks should be shielded with digital
ground to avoid radiating noise to other parts of the board, and
should never be run near the reference inputs. Avoid crossover
of digital and analog signals. Traces on opposite sides of the
board should run at right angles to each other. This reduces the
effects of feedthrough through the board. A microstrip tech-
nique is by far the best, but not always possible with a double-
sided board. In this technique, the component side of the board
is dedicated to ground plane while signal traces are placed on
the solder side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com