Electronic Components Datasheet Search
  English  ▼

X  

AD5322 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5322
Description  2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5322 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5322 Datasheet HTML 8Page - Analog Devices AD5322 Datasheet HTML 9Page - Analog Devices AD5322 Datasheet HTML 10Page - Analog Devices AD5322 Datasheet HTML 11Page - Analog Devices AD5322 Datasheet HTML 12Page - Analog Devices AD5322 Datasheet HTML 13Page - Analog Devices AD5322 Datasheet HTML 14Page - Analog Devices AD5322 Datasheet HTML 15Page - Analog Devices AD5322 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. 0
AD5302/AD5312/AD5322
–14–
1 F
VREFA
VREFB
SCLK
DIN
SYNC
VDD
GND
VOUTA
VOUTB
+6V TO +16V
SERIAL
INTERFACE
VOUT
VIN
GND
REF195
0.1 F
10 F
AD5302/AD5312/
AD5322
Figure 37. Using an REF195 as Power and Reference to
the AD5302/AD5312/AD5322
Bipolar Operation Using the AD5302/AD5312/AD5322
The AD5302/AD5312/AD5322 has been designed for single
supply operation, but bipolar operation is also achievable using
the circuit shown in Figure 38. The circuit shown has been config-
ured to achieve an output voltage range of –5 V < VOUT < +5 V.
Rail-to-rail operation at the amplifier output is achievable using
an AD820 or OP295 as the output amplifier.
1 F
VREFA/B
SCLK
DIN
SYNC
VDD
GND
VOUTA/B
0.1 F
10 F
VDD = +5V
VOUT
VIN
GND
REF
195
SERIAL
INTERFACE
AD820/
OP295
5V
+5V
–5V
R1
10k
R2
10k
AD5302/AD5312/
AD5322
+6V TO +16V
Figure 38. Bipolar Operation Using the AD5302/AD5312/
AD5322
The output voltage for any input code can be calculated as
follows:
VOUT = [(VREF × D/2
N)
× (R1+R2)/R1 – V
REF × (R2/R1)]
where
D is the decimal equivalent of the code loaded to the DAC
N is the DAC resolution
VREF is the reference voltage input.
with
VREF = 5 V
R1 = R2 = 10 k
Ω and V
DD = 5 V
VOUT = (10
× D/2N) – 5 V
Opto-Isolated Interface for Process Control Applications
The AD5302/AD5312/AD5322 has a versatile 3-wire serial
interface, making it ideal for generating accurate voltages in
process control and industrial applications. Due to noise, safety
requirements or distance, it may be necessary to isolate the
AD5302/AD5312/AD5322 from the controller. This can easily
be achieved by using opto-isolators, which will provide isolation
in excess of 3 kV. The serial loading structure of the AD5302/
AD5312/AD5322 makes it ideally suited for use in opto-isolated
applications. Figure 39 shows an opto-isolated interface to the
AD5302/AD5312/AD5322 where DIN, SCLK and
SYNC are
driven from opto-couplers. The power supply to the part also
needs to be isolated. This is done by using a transformer. On
the DAC side of the transformer, a +5 V regulator provides the
+5 V supply required for the AD5302/AD5312/AD5322.
VDD
SCLK
10k
AD5302/AD5312/
AD5322
VREFA
DIN
SYNC
VDD
GND
VOUTA
0.1 F
10 F
VREFB
VOUTB
SCLK
+5V
REGULATOR
POWER
VDD
SYNC
10k
VDD
DIN
10k
Figure 39. AD5302/AD5312/AD5322 in an Opto-Isolated
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com