Electronic Components Datasheet Search
  English  ▼

X  

AWL6951 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWL6951
Description  2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWL6951 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWL6951 Datasheet HTML 1Page - ANADIGICS, Inc AWL6951 Datasheet HTML 2Page - ANADIGICS, Inc AWL6951 Datasheet HTML 3Page - ANADIGICS, Inc AWL6951 Datasheet HTML 4Page - ANADIGICS, Inc AWL6951 Datasheet HTML 5Page - ANADIGICS, Inc AWL6951 Datasheet HTML 6Page - ANADIGICS, Inc AWL6951 Datasheet HTML 7Page - ANADIGICS, Inc AWL6951 Datasheet HTML 8Page - ANADIGICS, Inc AWL6951 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
09/2007
AWL6951
2.4/5 GHz 802.11a/b/g/n
WLAN Power Amplifier
Data Sheet - Rev 2.1
M22 Package
16 Pin 4 mm x 4 mm x 1.3 mm
Surface Mount Module
FEATURES
• 3.3 % EVM @ POUT = +19 dBm with IEEE 802.11a
64 QAM OFDM at 54 Mbps
• 2.9 % EVM @ POUT = +20 dBm with IEEE 802.11g
64 QAM OFDM at 54 Mbps
• -36 dBr ACPR 1st Sidelobe, +21 dBm, with 802.11b
CCK/DSSS Root Cosine Filtering, 1 Mbps
• -54 dBr ACPR 2nd Sidelobe, +21 dBm, with 802.11b
CCK/DSSS Root Cosine Filtering, 1 Mbps
• 32 dB of Linear Power Gain at 2.4 GHz
• 29 dB of Linear Power Gain at 5 GHz
• Single +3.3 V Supply
• Operational Voltage Range Extended to +4.4 V Max
• Dual Temperature-Compensated Linear Power
Detectors
• 50 Ω - Matched RF Ports
• 1 kV ESD Rating (HBM)
• 4 mm x 4 mm x 1.3 mm Surface Mount Module
APPLICATIONS
• 802.11a/b/g/n WLAN: Notebooks, VoIP Handsets,
PDA Mobile Phones
PRODUCT DESCRIPTION
The ANADIGICS AWL6951 dual band power amplifier is
a high performance InGaP HBT power amplifier module
designed for transmit applications in the 2.4-2.5 GHz
and 4.9-5.9 GHz band. Matched to 50  at all RF inputs
and outputs, the part requires no additional RF matching
components off-chip, making the AWL6951 the world’s
simplest dual band PAmodule implementation available.
The PA exhibits unparalleled linearity and efficiency for
IEEE 802.11g, 802.11b and 802.11a WLAN systems
under the toughest signal configurations within these
standards.
The power detectors are temperature compensated on
chip, enabling separate single-ended output voltages
for each band with excellent accuracy over a wide
range of operating temperatures. The PA is biased by
a single +3.3 V supply and consumes ultra-low current
in the OFF mode.
Figure 1: Block Diagram and Pinout
AWL6951
The AWL6951 is manufactured using advanced InGaP
HBT technology that offers state-of-the-art reliability,
temperature stability and ruggedness.
2.4 GHz
5 GHz
GND
GND
2.4 GHz
RFOUT
2.4 GHz
RFIN
5 GHz
RFIN
5 GHz
RFOUT
Bias Control
Matching
Network
Matching
Network
Matching
Network
Matching
Network
Power Detector
Power Detector
PA
On/Off
PA
On/Off
Bias Control
VCC
VCC


Similar Part No. - AWL6951

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Rev 2.2
AWL6950RM21P0 ANADIGICS-AWL6950RM21P0 Datasheet
344Kb / 20P
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Rev 2.2
AWL6950RM21P6 ANADIGICS-AWL6950RM21P6 Datasheet
344Kb / 20P
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Rev 2.2
AWL6950RM21P8 ANADIGICS-AWL6950RM21P8 Datasheet
344Kb / 20P
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Rev 2.2
More results

Similar Description - AWL6951

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
Rev 1.3
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Rev 2.2
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Rev 1.3
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
RFSP5032 ANADIGICS-RFSP5032 Datasheet
168Kb / 12P
5 GHz 802.11a WLAN Power Amplifier
04/2006
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
5-GHz WLAN Power Amplifier for 802.11a
logo
ANADIGICS, Inc
AWL9966 ANADIGICS-AWL9966 Datasheet
579Kb / 18P
802.11a/b/g/n WLAN/Bluetooth FEIC
Rev 1.0
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9555 ANADIGICS-AWL9555 Datasheet
809Kb / 14P
802.11a/n WLAN Power Amplifier
logo
Keysight Technologies
M9077A KEYSIGHT-M9077A Datasheet
2Mb / 13P
M9077A WLAN 802.11a/b/g/n/ac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com