Electronic Components Datasheet Search
  English  ▼

X  

AWL6951 Datasheet(PDF) 13 Page - ANADIGICS, Inc

Part # AWL6951
Description  2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWL6951 Datasheet(HTML) 13 Page - ANADIGICS, Inc

Back Button AWL6951 Datasheet HTML 9Page - ANADIGICS, Inc AWL6951 Datasheet HTML 10Page - ANADIGICS, Inc AWL6951 Datasheet HTML 11Page - ANADIGICS, Inc AWL6951 Datasheet HTML 12Page - ANADIGICS, Inc AWL6951 Datasheet HTML 13Page - ANADIGICS, Inc AWL6951 Datasheet HTML 14Page - ANADIGICS, Inc AWL6951 Datasheet HTML 15Page - ANADIGICS, Inc AWL6951 Datasheet HTML 16Page - ANADIGICS, Inc AWL6951 Datasheet HTML 17Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet - Rev 2.1
09/2007
AWL6951
13
Figure 25: Detector Voltage vs. Output Power
Across Frequency (TC = 25oC, VCC = +3.3 V)
802.11a 54 Mbps OFDM
Figure 26: Detector Voltage vs. Output Power
Across Temp (Frequency = 5.25 GHz, VCC= +3.3V)
802.11a 54 Mbps OFDM
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
10
11
12
13
14
15
16
17
18
19
20
21
22
Output Power (dBm)
Det. Volt. 4.90GHz
Det. Volt. 5.25GHz
Det. Volt. 5.50GHz
Det. Volt. 5.85GHz
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
10
11
12
13
14
15
16
17
18
19
20
21
22
Output Power (dBm)
Det. Volt. -40C
Det. Volt. 25C
Det. Volt. 85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com