Electronic Components Datasheet Search
  English  ▼

X  

AWL6951 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWL6951
Description  2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWL6951 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWL6951 Datasheet HTML 1Page - ANADIGICS, Inc AWL6951 Datasheet HTML 2Page - ANADIGICS, Inc AWL6951 Datasheet HTML 3Page - ANADIGICS, Inc AWL6951 Datasheet HTML 4Page - ANADIGICS, Inc AWL6951 Datasheet HTML 5Page - ANADIGICS, Inc AWL6951 Datasheet HTML 6Page - ANADIGICS, Inc AWL6951 Datasheet HTML 7Page - ANADIGICS, Inc AWL6951 Datasheet HTML 8Page - ANADIGICS, Inc AWL6951 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
Data Sheet - Rev 2.1
09/2007
AWL6951
Table 1: Pin Description
PIN
NAME
DESCRIPTION
1
GND
Ground
2
RFIN 2G
2 GHz RF Input. ESD structures on this pin provide a DC path to ground. Avoid
applying DC voltage to this pin. RF is internally matched to 50  and AC coupled to
the input stage. Route RF traces as coplanar waveguide using adjacent ground pins.
3
RFIN 5G
5 GHz RF Input. AC coupled input stage internally matched to 50 . Route as coplanar
waveguide using adjacent ground pins. Although the input stage is AC coupled, a
shunt inductive matching element included inside the PA provides a DC path to ground
at this pin.
4
GND
Ground
5
PAON 5G
5 GHz Power Control. Power amplifier power control pin. The recommended use is for
on/off control of the PA. Nominally, 0 V applied will turn amplifier completely off; a
voltage of 2.0 V and above will set the PA to maximum output capability. Current draw
on this pin is approximately 0.5 mA at +3.3 V.
6
GND
Ground
7
VCC 5G
5 GHz Supply Voltage. Bias for power transistors of the 5 GHz PA.
8
DETOUT 5G 5 GHz Power Detector Output. DC coupled power detector output. An emitter follower
BJT supplies the output for this pin. Output impedance is 2 k.
9
RFOUT 5G
5 GHz RF Output. AC coupled output stage internally matched to 50 . Route as
coplanar waveguide using adjacent ground pins. Although the output stage is AC
coupled, a shunt inductive matching element included inside the PA provides a DC
path to ground at this pin.
10
GND
Ground
11
GND
Ground
12
RFOUT 2G
2 GHz RF Output. ESD structures on this pin provide a DC path to ground. Avoid
applying DC voltage to this pin. RF is internally matched to 50  and AC coupled to
the output stage. Route RF traces as coplanar waveguide using adjacent ground pins.
13
DETOUT 2G 2 GHz Power Detector Output. DC coupled power detector output. An emitter follower
BJT supplies the output for this pin. Output impedance is 2 k.
14
VCC 2G
2 GHz Power Supply. Bias for power transistors of the 2 GHz PA.
15
GND
Ground
16
PAON 2G
2 GHz Power Control. Power amplifier power control pin. The recommended use is for
on/off control of the PA. Nominally, 0 V applied will turn amplifier completely off; a
voltage of 2.0 V and above will set the PA to maximum output capability. Current draw
on this pin is approximately 0.5 mA at +3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com