Electronic Components Datasheet Search
  English  ▼

X  

AWT6521 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # AWT6521
Description  Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6521 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button AWT6521 Datasheet HTML 3Page - ANADIGICS, Inc AWT6521 Datasheet HTML 4Page - ANADIGICS, Inc AWT6521 Datasheet HTML 5Page - ANADIGICS, Inc AWT6521 Datasheet HTML 6Page - ANADIGICS, Inc AWT6521 Datasheet HTML 7Page - ANADIGICS, Inc AWT6521 Datasheet HTML 8Page - ANADIGICS, Inc AWT6521 Datasheet HTML 9Page - ANADIGICS, Inc AWT6521 Datasheet HTML 10Page - ANADIGICS, Inc AWT6521 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet - Rev 2.4
02/2012
AWT6521
7
Table 6: Electrical Specifications - Band 2 (1900 MHz) WCDMA Operation (R99 waveform)
(+25 C, VBATT = VCC = +3.3 V, VEN_HI = VBAND1 = +1.8 V, VBAND0 = 0 V, VEN_LO = 0 V)
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VMODE
Gain
25.5
10.5
28
14.5
31
17
dB
+29 dBm
+16 dBm
0 V
1.8 V
ACLR1 at 5 MHz offset (1)
-
-
-41
-42
-36.5
-37
dBc
+29 dBm
+16 dBm
0 V
1.8 V
ACLR2 at 10 MHz offset (1)
-
-
-53
-60
-48
-48
dBc
+29 dBm
+16 dBm
0 V
1.8 V
Power-Added Efficiency (1)
35
-
39
7
-
-
%
+29 dBm
+16 dBm
0 V
1.8 V
Mode Control Current
-
<0.06
0.12
mA
through VMODE pin, VMODE = +1.8 V
Enable Current
-
<0.07
0.15
mA
through VENABLE H or L
BAND Control Current
-
<0.03
0.1
mA
through VBAND1 pin
Quiescent Current
-
30
-
mA
VMODE = 1.8 V
BATT Current
-
45
-
mA
through VBATT pin, VMODE = +1.8 V
Noise in Receive Band (2)
-
-
-135
-138
-
-
dBm/Hz P
OUT
< +29 dBm, VMODE = 0 V
POUT < +16 dBm, VMODE = +1.8 V
Harmonics
2fO
3fO, 4fO
-
-
-40
-46
-35
-35
dBc
Coupling Factor
-
28
-
dB
Input Impedance
-
-
2:1
VSWR
Spurious Output Level
(all spurious outputs)
-
-
-70
dBc
POUT < 29 dBm
In-band load VSWR < 5:1
Out-of-band load VSWR < 10:1
Applies over all operating ranges
Load mismatch stress with no
permanent degradation or failure
8:1
-
-
VSWR Applies over full operating range
CDMA2000 (RC-1) Waveform
POUT
VMODE
Adjacent Channel Power (1)
at + 1.25 MHz offset
Primary Channel BW = 1.23 MHz
-
-
-52
-51
-46.5
-47
dBc
+28.1 dBm
+15 dBm
0 V
1.8 V
Alternate Channel Power (1)
at + 1.98 MHz offset
Primary Channel BW = 1.23 MHz
-
-
-56
-59
-54
-54
dBc
+28.1 dBm
+15 dBm
0 V
1.8 V
Notes:
(1) ACLR and Efficiency measured at 1880 MHz.
(2) Noise measured at 1930 to 1990 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com