Electronic Components Datasheet Search
  English  ▼

X  

AWT6521 Datasheet(PDF) 12 Page - ANADIGICS, Inc

Part # AWT6521
Description  Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6521 Datasheet(HTML) 12 Page - ANADIGICS, Inc

Back Button AWT6521 Datasheet HTML 8Page - ANADIGICS, Inc AWT6521 Datasheet HTML 9Page - ANADIGICS, Inc AWT6521 Datasheet HTML 10Page - ANADIGICS, Inc AWT6521 Datasheet HTML 11Page - ANADIGICS, Inc AWT6521 Datasheet HTML 12Page - ANADIGICS, Inc AWT6521 Datasheet HTML 13Page - ANADIGICS, Inc AWT6521 Datasheet HTML 14Page - ANADIGICS, Inc AWT6521 Datasheet HTML 15Page - ANADIGICS, Inc AWT6521 Datasheet HTML 16Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
Data Sheet - Rev 2.4
02/2012
AWT6521
Notes:
(1) ACLR and Efficiency measured at 836.5 MHz.
Table 11: Electrical Specifications - Band 5 (850 MHz)
LTE Operation (MPR = 0 dB waveform, RB = 12, 10 MHz QPSK)
(TC = +25 C, VBATT = VCC = +3.3 V, VENABLE = +1.8 V, 0 Ω system)
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VMODE1
Gain
-
-
27
11
-
-
dB
+27 dBm
+15 dBm
0 V
1.8 V
UTRA ACLR1
-
-
-41
-42
-
-
dBc
+27 dBm
+15 dBm
0 V
1.8 V
UTRA ACLR2
-
-
-45
-46
-
-
dBc
+27 dBm
+15 dBm
0 V
1.8 V
Power-Added Efficiency (1)
-
-
34
8
-
-
%
+27 dBm
+15 dBm
0 V
1.8 V
Spurious Output Level
(all spurious outputs)
-
-
-70
dBc
POUT < 27 dBm
In-band load VSWR < 5:1
Out-of-band load VSWR < 10:1
Applies over all operating ranges
Load mismatch stress with no
permanent degradation or failure
8:1
-
-
VSWR Applies over full operating range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com