Electronic Components Datasheet Search
  English  ▼

X  

AWT6521 Datasheet(PDF) 19 Page - ANADIGICS, Inc

Part # AWT6521
Description  Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6521 Datasheet(HTML) 19 Page - ANADIGICS, Inc

Back Button AWT6521 Datasheet HTML 11Page - ANADIGICS, Inc AWT6521 Datasheet HTML 12Page - ANADIGICS, Inc AWT6521 Datasheet HTML 13Page - ANADIGICS, Inc AWT6521 Datasheet HTML 14Page - ANADIGICS, Inc AWT6521 Datasheet HTML 15Page - ANADIGICS, Inc AWT6521 Datasheet HTML 16Page - ANADIGICS, Inc AWT6521 Datasheet HTML 17Page - ANADIGICS, Inc AWT6521 Datasheet HTML 18Page - ANADIGICS, Inc AWT6521 Datasheet HTML 19Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
warning
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product
in any such application without written consent is prohibited.
iMPOrTanT nOTiCE
anaDigiCS
141 Mount Bethel Road
Warren, New Jersey 07059, U.S.A.
Tel: +1 (908) 668-5000
Fax: +1 (908) 668-5132
URL: http://www.anadigics.com
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice.
The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to
change prior to a product’s formal introduction. Information in Data Sheets have been carefully checked and are assumed
to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers
to verify that the information they are using is current before placing orders.
Data Sheet - Rev 2.4
02/2012
19
AWT6521
ORDERING INFORMATION
ORDER NUMBER
TEMPERATURE
RANGE
PACKAGE
DESCRIPTION
COMPONENT PACKAGING
AWT6521RM48P8 -30 C to + 105 C
ROHS Compliant 22 Pin
5 mm x 7 mm x 1 mm
Surface Mount Module
Tape and Reel, 2500 pieces per Reel
AWT6521RM48P9 -30 C to + 105 C
ROHS Compliant 22 Pin
5 mm x 7 mm x 1 mm
Surface Mount Module
Partial Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com