Electronic Components Datasheet Search
  English  ▼

X  

H277 Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # H277
Description  On-chip Hall sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H277 Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  H277 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200907
Issued Date : 2009.04.03
Revised Date :2009.10.29
Page No. : 3/7
H277
HSMC Product Specification
Electrical Characteristics (T=+25℃, VCC=3V~20V)
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
3
-
20
V
VCC=3V, IL=100mA
-
200
-
Output Saturation Voltage
VCE(sat)
VCC=14V, IL=300mA
-
300
600
mV
Output Leakage Current
Icex
Vce=14V, VCC=14V
-
-
2
uA
Supply Current
Iccq
VCC=20V, Output Open
-
14
20
mA
Output Rise Time
Tr
VCC=14V, RL=400Ω, CL=20pF
-
1
5
uS
Output Falling Time
Tf
VCC=14V, RL=400Ω, CL=20pF
-
0.2
1.2
uS
Magnetic Characteristics
Characteristic
Symbol
Min.
Max.
Unit
Grade
Operate Point
Bop
-
50
Gauss
H277A
Release Point
Brp
-50
-
Gauss
A
Operate Point
Bop
-
70
Gauss
H277B
Release Point
Brp
-70
-
Gauss
B
Operate Point
Bop
-
90
Gauss
H277C
Release Point
Brp
-90
-
Gauss
C
Operate Point
Bop
-
130
Gauss
H277D
Release Point
Brp
-130
-
Gauss
D
Fig.4 VDO vs. Magnetic Flux Density
Fig.5 VDOB vs. Magnetic Flux Density



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com