Electronic Components Datasheet Search
  English  ▼

X  

H277 Datasheet(PDF) 4 Page - Hi-Sincerity Mocroelectronics

Part # H277
Description  On-chip Hall sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H277 Datasheet(HTML) 4 Page - Hi-Sincerity Mocroelectronics

  H277 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H277 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200907
Issued Date : 2009.04.03
Revised Date :2009.10.29
Page No. : 4/7
H277
HSMC Product Specification
Characteristics Curve
Fig.6 ICC vs. VCC
Fig.7 ICC vs. TA
Supply Current & Temperature
12.4
12.5
12.6
12.7
12.8
12.9
13
13.1
13.2
13.3
13.4
0
20
40
60
80
100
120
Temperature (
oC)
Test Conditions:
VCC=20V
Output Open, RL=∞
(Refer to Test Circuit)
Output Saturation Voltage & Loading Current
0
200
400
600
800
1000
1200
1400
1600
300
400
500
600
700
800
900
1000
Loading Current (mA)
Test Conditions:
VCC=14V, TA=25
oC
IL=300mA~1200mA
Hysteresis & Temperature
0
10
20
30
40
50
60
70
80
0
20
40
60
80
100
120
Temperature (
oC)
Test Conditions:
VCC=14V, RL=400Ω
CL=20pF
(Refer to Test Circuit)
Fig.8 Vsat vs. IC
Fig.9 Bhys vs. TA
SIP-4L Power Dissipation & Temperature
200
250
300
350
400
450
500
550
600
0
2040
6080
100
120
Temperature (
oC)
Fig.10 PD vs. TA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com