Electronic Components Datasheet Search
  English  ▼

X  

110901-0010 Datasheet(PDF) 27 Page - ITT Industries

Part # 110901-0010
Description  DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

110901-0010 Datasheet(HTML) 27 Page - ITT Industries

Back Button 110901-0010 Datasheet HTML 23Page - ITT Industries 110901-0010 Datasheet HTML 24Page - ITT Industries 110901-0010 Datasheet HTML 25Page - ITT Industries 110901-0010 Datasheet HTML 26Page - ITT Industries 110901-0010 Datasheet HTML 27Page - ITT Industries 110901-0010 Datasheet HTML 28Page - ITT Industries 110901-0010 Datasheet HTML 29Page - ITT Industries 110901-0010 Datasheet HTML 30Page - ITT Industries 110901-0010 Datasheet HTML 31Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
26
ZIF Connectors
DLD2
DLD2 — Plastic Body — 96 Pin Connectors — Crimp Contacts
Plug
Receptacle
Part Number
Nomenclature
111922-0000
DLD2-96P
Part Number
Nomenclature
111921-0000
DLD2-96R
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 67.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
For assembly dimensions and mating
sequence, see page 70.
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 67.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
For assembly dimensions and mating
sequence, see page 70.
50,60 (1.994)
65,80 (2.592)
28,12 (1.108)
19,38 (.763)
57,91 (2.280)
4X Ø 3,03
(.119)
7,92 (.312)
23,10
(.910)
6,35 (.250)
24,05
(.947)
50,60 (1.994)
50,60 (1.994)
19,38 (.763)
57,91 (2.280)
65,80 (2.592)
85,72 (3.375) REF
28,12 (1.108)
7,75 (.305)
6,35 (.250)
CAM, ACTUATOR
RECEPTACLE CONNECTOR
ASSEMBLY
46,87
(1.845)
2,03 (.080) REF
3,18 (.125) REF
4X SCREW, SPRING
MOUNTING
20,32 (.800)
FRONT MOUNTING
PLATE-ASSEMBLY
[SUPPLIED BY CUSTOMER]
REAR PANEL, MOUNTING
[STATIONARY]
[SUPPLIED BY CUSTOMER]
4X SPRING,
COMPRESSION
NO. 4-40 UNC SCREW
[SUPPLIED BY CUSTOMER]
50,60 (1.994)
24,05 (.947)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com