| Electronic Components Datasheet Search |
|
110901-0010 Datasheet(PDF) 57 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
110901-0010 Datasheet(HTML) 57 Page - ITT Industries |
|
57 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 56 ZIF Connectors Tools and Assembly Assembly Instructions for Crimp Contacts Contact Insertion: All crimp contacts are inserted by hand. No tooling is required for either the plug or receptacle. Caution: Caution: Do not force contacts into contact cavities. If contact encounters excessive resistance during installation remove and re-insert using a slight up and down motion. This will assure positive cavity alignment. Do not install contact if plug is in the closed or actuated position. Plug: Step 1. Prior to inserting contacts, turn the shaft counter-clockwise to its maximum open position. Step 2. With the retention lance positioned away from the shaft, insert contacts from the rear of the plug. Receptacle: Step 1. With the retention lance positioned toward the shaft hole, insert contacts from the rear of the receptacle. Contact Removal for Crimp Contacts Tool: CET-DL10 Release retention lance by inserting tip of extraction tool into cavity until it bottoms on insulator shoulder. Gently pull wire in direction of arrow, see illustration, to remove contact from insulator. CAM RETENTION LANCE (BOTTOM) RETENTION LANCE (TOP) RECEPTACLE CONNECTOR PLUG CONNECTOR SCREW POLARIZING POST RETENTION LANCE (BOTTOM) RETENTION LANCE (TOP) CONTACT RETENTION LANCE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |