Electronic Components Datasheet Search
  English  ▼

X  

110901-0010 Datasheet(PDF) 14 Page - ITT Industries

Part # 110901-0010
Description  DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

110901-0010 Datasheet(HTML) 14 Page - ITT Industries

Back Button 110901-0010 Datasheet HTML 10Page - ITT Industries 110901-0010 Datasheet HTML 11Page - ITT Industries 110901-0010 Datasheet HTML 12Page - ITT Industries 110901-0010 Datasheet HTML 13Page - ITT Industries 110901-0010 Datasheet HTML 14Page - ITT Industries 110901-0010 Datasheet HTML 15Page - ITT Industries 110901-0010 Datasheet HTML 16Page - ITT Industries 110901-0010 Datasheet HTML 17Page - ITT Industries 110901-0010 Datasheet HTML 18Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
13
ZIF Connectors
DL/DLM/DLD
How to Order — Receptacle
Contact Style
Nomenclature
Part Number
Size
Type
No. of Contacts
Contact Style
Page Reference
Crimp AWG #42-#18
(50
µ inches Gold, FLAT in Receptacle)
Note: Crimp Contacts Sold Separately
DL1-156R
086-0030-000
DL1
Plastic Body
156 Pin Connector
Crimp
14
DLM1-156R
127050-0208
DLM1
Metal Body
156 Pin Connector
Crimp
16
DLD1-156R
111497-0004
DLD1
Plastic Body
156 Pin Connector
Crimp
19
DL2-96R
086-0031-000
DL2
Plastic Body
96 Pin Connector
Crimp
21
DLM2-96R
127050-0216
DLM2
Metal Body
96 Pin Connector
Crimp
23
DLD2-96R
111921-0000
DLD2
Plastic Body
96 Pin Connector
Crimp
26
DL3-60R
086-0032-000
DL3
Plastic Body
60 Pin Connector
Crimp
28
DLM3-60R
127050-0224
DLM3
Metal Body
60 Pin Connector
Crimp
30
DL4-624R
110960-0002
DL4
Metal Frame
624 Pin Connector
Crimp
33
DL4-1248R
110960-0003
DL4
Metal Frame
1248 Pin Connector
Crimp
**
DL4-2496R
110960-0004
DL4
Metal Frame
2496 Pin Connector
Crimp
**
DL5-260R
086-4501-000
DL5
Plastic Body
260 Pin Connector
Crimp
35
DLM5-260R
127050-0110
DLM5
Metal Body
260 Pin Connector
Crimp
37
DLM6-360R
127050-0045
DLM6
Metal Body
360 Pin Connector
Crimp
40
Square Post 7,11 (.280) Ext.
50
µ inches Gold, FLAT
Std. Square Post
0,64 (.025)
Factory Installed
Solder to PCB Through Hole
Interconnect Termination
DL1-156RW6B*
110536-1007
DL1
Plastic Body
156 Pin Connector
Square Post
15
DLM1-156RW6B*
112135-0000
DLM1
Metal Body
156 Pin Connector
Square Post
17
DLD1-156RW6B*
111497-0010
DLD1
Plastic Body
156 Pin Connector
Square Post
20
DL2-96RW6B*
110855-0014
DL2
Plastic Body
96 Pin Connector
Square Post
22
DLM2-96RW6B*
112137-0000
DLM2
Metal Body
96 Pin Connector
Square Post
24
DLD2-96RW6B*
111921-0002
DLD2
Plastic Body
96 Pin Connector
Square Post
27
DL3-60RW6B*
110901-0010
DL3
Plastic Body
60 Pin Connector
Square Post
29
DLM3-60RW6B*
112139-0000
DLM3
Metal Body
60 Pin Connector
Square Post
31
DL4-624RW6B*
110960-0048
DL4
Metal Frame
624 Pin Connector
Square Post
34
DL5-260RW6B*
111987-0000
DL5
Plastic Body
260 Pin Connector
Square Post
36
DLM5-260RW6B*
112087-0000
DLM5
Metal Body
260 Pin Connector
Square Post
38
DLM6-360RW6B*
111996-0001
DLM6
Metal Body
360 Pin Connector
Square Post
41
Square Post 3,18 (.125) Ext.
50
µ inches Gold, FLAT
Std. Square Post
0,64 (.025)
Factory Installed
Solder to PCB Through Hole
DL110536-1011
110536-1011
DL1
Plastic Body
156 Pin Connector
Square Post
15
DLM112135-2
112135-0002
DLM1
Metal Body
156 Pin Connector
Square Post
17
DLM112137-2
112137-0002
DLM2
Metal Body
96 Pin Connector
Square Post
24
DLM112139-2
112139-0002
DLM3
Metal Body
60 Pin Connector
Square Post
31
DLM112087-3
112087-0003
DLM5
Metal Body
260 Pin Connector
Square Post
38
DLM111996-5
111996-0005
DLM6
Metal Body
360 Pin Connector
Square Post
41
Wrap Post 15,37 (.605) Ext.
50
µ inches Gold, FLAT
Std. Square Post
0,64 (.025)
Factory Installed
DL1-156RW4B*
110536-1006
DL1
Plastic Body
156 Pin Connector
Wrap Post
15
DLM1-156RW4B*
112135-0001
DLM1
Metal Body
156 Pin Connector
Wrap Post
17
DLD1-156RW4B*
111497-0009
DLD1
Plastic Body
156 Pin Connector
Wrap Post
20
DL2-96RW4B*
110855-0013
DL2
Plastic Body
96 Pin Connector
Wrap Post
22
DLM2-96RW4B*
112137-0001
DLM2
Metal Body
96 Pin Connector
Wrap Post
24
DLD2-96RW4B*
111921-0001
DLD2
Plastic Body
96 Pin Connector
Wrap Post
27
DL3-60RW4B*
110901-0009
DL3
Plastic Body
60 Pin Connector
Wrap Post
29
DLM3-60RW4B*
112139-0001
DLM3
Metal Body
60 Pin Connector
Wrap Post
31
DL4-624RW4B*
110960-0045
DL4
Metal Frame
624 Pin Connector
Wrap Post
34
DL5-260RW4B*
111987-0001
DL5
Plastic Body
260 Pin Connector
Wrap Post
36
DLM5-260RW4B*
112087-0001
DLM5
Metal Body
260 Pin Connector
Wrap Post
38
DLM6-360RW4B*
111996-0000
DLM6
Metal Body
360 Pin Connector
Wrap Post
41
Square Post 7,11 (.280) Ext.
20
µ inches Gold, Hermophroditic
Std. Square Post
0,64 (.025)
Factory Installed
Solder to PCB Through Hole
DL1-156RW6
110536-1009
DL1
Plastic Body
156 Pin Connector
Square Post
15
Wrap Post 15,37 (.605) Ext.
20
µ inches Gold, Hermophroditic
Std. Square Post
0,64 (.025)
Factory Installed
DL1-156RW4
110536-1003
DL1
Plastic Body
156 Pin Connector
Wrap Post
15
DL2-96RW4
110855-0008
DL2
Plastic Body
96 Pin Connector
Wrap Post
22
DL3-60RW4
110901-0004
DL3
Plastic Body
60 Pin Connector
Wrap Post
29
DL4-624RW4
110960-0022
DL4
Metal Frame
624 Pin Connector
Wrap Post
34
PC / RC 4,50 (.177) Ext.
20
µ inches Gold - 4 A max.
Round Tail -
X 0,50 (.020)
Factory Installed
Solder to PCB Through Hole
DLM1-156RC
127050-0211
DLM1
Metal Body
156 Pin Connector
RC
18
DLM2-96RC
127050-0219
DLM2
Metal Body
96 Pin Connector
RC
25
DLM3-60RC
127050-0227
DLM3
Metal Body
60 Pin Connector
RC
32
DLM5-260RC
127050-0112
DLM5
Metal Body
260 Pin Connector
RC
39
DLM6-360RC
127050-0098
DLM6
Metal Body
360 Pin Connector
RC
42
Note: 50
µ inches gold contacts (Bump on plug side, Flat on receptacle side) are mandatory for applications with less than 100 milliamps.
** Similar to DL4-624, see pages 33-34.
Contact Cannon for details.
* ‘‘B’’ designates receptacle contacts
manditory for low current applications less
than 100 milliamps.
* ‘‘B’’ designates receptacle contacts
manditory for low current applications less
than 100 milliamps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com