Electronic Components Datasheet Search
  English  ▼

X  

VL-MM5D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VL-MM5D
Description  1GB 128Mx64 DDR SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VL-MM5D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VL-MM5D Datasheet HTML 1Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 2Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 3Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 4Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 5Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 6Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 7Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 8Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Product Specifications
PART NO.:
VL470L2925-B3SG
REV: 1.0
Tel 949.888.2444 – 30052 Tomas, Rancho Santa Margarita, CA 92688 USA –
www.virtium.com
4
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VIN, VOUT
Voltage on any pin relative to VSS
-0.5 ~ 3.6
V
VDD, VDDQ
Voltage on VDD & VDDQ supply relative to VSS
-1.0 ~ 3.6
V
TSTG
Storage temperature
-55 ~ +150
0C
TA
Operating temperature
Commercial
0 ~ 70
0C
Industrial
-40 ~ +85
PD
Power dissipation
16
W
IOS
Short circuit current
50
mA
Notes:
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC Operating Conditions
Alls voltages referenced to VSS
TA = 0
0C to 700C
Symbol
Parameter
Min
Max
Unit
Note
VDD
Supply voltage
2.3
2.7
V
VDDQ
I/O Supply voltage
2.3
2.7
V
VREF
I/O Reference voltage
0.49 * VDDQ
0.51 * VDDQ
V
1
VTT
I/O Termination voltage
VREF-0.04
VREF+0.04
V
2
VIH(DC)
Input logic high voltage
VREF+0.15
VDDQ+0.30
V
VIL(DC)
Input logic low voltage
-0.3
VREF-0.15
V
VIN(DC)
Input voltage level, CK and CK#
-0.3
VDDQ+0.30
V
VID(DC)
Input differential voltage, CK and CK#
0.3
VDDQ+0.60
V
3
VIX(DC)
Input crossing point voltage, CK and CK#
0.3
VDDQ+0.60
V
II
Input leakage current
Address, CAS#,RAS#,WE#
-32
32
uA
CS#,CKE
-16
16
uA
CK, CK#
-16
16
uA
DM
-4
4
uA
IOZ
Output leakage current
-10
10
uA
IOH
Output high current(normal strength) VOUT = v + 0.84V
-16.8
-
mA
IOL
Output high current(normal strength) VOUT = VTT - 0.84V
16.8
-
mA
IOH
Output high current(half strength) VOUT = VTT + 0.45V
-9
-
mA
IOL
Output high current(half strength) VOUT = VTT - 0.45V
9
-
mA
Notes:
1. VREF is expected to be equal to 0.5*VDDQ of the transmitting device, and to track variations in the DC level of the same.
Peak to peak noise on VREF may not exceed +/- 2% of the DC value.
2. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to
VREF, and must track variations in the DC level of VREF.
3. VID is the magnitude of the difference between the input level on CK and the input level of CK#.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com