Electronic Components Datasheet Search
  English  ▼

X  

VL-MM5D Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VL-MM5D
Description  1GB 128Mx64 DDR SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VL-MM5D Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  VL-MM5D Datasheet HTML 1Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 2Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 3Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 4Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 5Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 6Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 7Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 8Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Product Specifications
PART NO.:
VL470L2925-B3SG
REV: 1.0
Tel 949.888.2444 – 30052 Tomas, Rancho Santa Margarita, CA 92688 USA –
www.virtium.com
8
Package Dimensions
Note: 1. All dimensions are in millimeters with tolerance +/- 0.15mm unless otherwise specified.
2. The dimensional diagram is for reference only.
0.45 TYP
15.35
TYP
1.80 (2X)
FRONT VIEW
31.75
3.50 TYP
0.60 TYP
2.15 TYP
6.00 TYP
BACK VIEW
20.00
47.40
TYP
PIN 199
4.20 TYP
PIN 2
4.0 +/- 0.10 (2X)
TYP
2.55 TYP
1.00 +/- 0.10
0.5 R
3.40
MAX
63.60 TYP
67.60
11.40
TYP
1.0 +/- 0.10
PIN 1
PIN 200



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com