Electronic Components Datasheet Search
  English  ▼

X  

VL-MM5D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VL-MM5D
Description  1GB 128Mx64 DDR SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VL-MM5D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VL-MM5D Datasheet HTML 1Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 2Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 3Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 4Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 5Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 6Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 7Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 8Page - List of Unclassifed Manufacturers VL-MM5D Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product Specifications
PART NO.:
VL470L2925-B3SG
REV: 1.0
Tel 949.888.2444 – 30052 Tomas, Rancho Santa Margarita, CA 92688 USA –
www.virtium.com
1
General Information
1GB 128Mx64 DDR SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
Description
The VL470L2925 is a 128Mx64 Double Data Rate SDRAM high density SODIMM. This dual rank memory module
consists of sixteen CMOS 64Mx8 bits with 4 banks Synchronous DRAMs in BGA packages and a 2K EEPROM in an
8-pin TSSOP package. This module is a 200-pin small-outline dual in-line memory module and is intended for
mounting into an edge connector socket. Decoupling capacitors are mounted on the printed circuit board for each
DDR SDRAM.
Features
Pin Description
• 200-pin, small-outline dual in-line memory module (SODIMM)
• Two data transfers per clock cycle
• VDD = VDDQ = 2.5V +/-0.2V for DDR333
• JEDEC standard 2.5V I/O (SSTL_2 compatible)
• VDDSPD = 2.3V to 3.6V
• Bi-directional data-strobe (DQS)
• Differential clock inputs (CK and CK#)
• DLL aligns DQ and DQS transition with CK transition
• Programmable read latency: DDR333 (2.5 clock)
• Programmable burst; length (2, 4, 8)
• Programmable burst (sequential & interleave)
• Auto & Self refresh, 7.8us refresh interval (8K/64ms refresh)
• Serial presence detect (SPD) with EEPROM
• Lead-free, RoHS compliant
• JEDEC pinout
• Gold edge contacts
• PCB: Height 31.75mm (1.250”), double sided component
• Operating temperature (TA): - Commercial (0oC <= TA <= 70oC)
- Industrial (-40
oC <= TA <= +85oC)
Pin Name
Function
A0~A12
Row Address Inputs
A0~A9, A11
Column Address Inputs
BA0~BA1
Bank Address Inputs
DQ0~DQ63
Data Input/Output
DQS0~DQS7
Data Strobes Input/Output
DM0~DM7
Data Mask
CK0, CK0#
CK1, CK1#
Clock Input
CKE0, CKE1
Clock Enables Input
CS0#, CS1#
Chip Selects Input
RAS#
Row Address Strobes
CAS#
Column Address Strobes
WE#
Write Enable
VDD
Voltage Supply
VDDQ
Voltage Supply for DQS
VSS
Ground
VREF
Power Supply Reference
VDDSPD
SPD Voltage Supply
SA1~SA2
SPD Address
SDA
SPD Data Input/Output
SCL
SPD Clock Input
NC
No Connect
Order Information:
VL470L2925 - B3 S G - X
OPERATING TEMPERATURE
None: Commercial
S1:
Industrial screening
DRAM DIE
G-DIE
DRAM MANUFACTURER
S - SAMSUNG
MODULE SPEED
B3: PC2700 @CL2.5
VL: Lead-free/RoHS
DRAM component: Samsung K4H510838G-HCB3


Similar Part No. - VL-MM5D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VL-MM7-2SBN ETC2-VL-MM7-2SBN Datasheet
215Kb / 12P
2GB 256Mx64 DDR3 SDRAM NON-ECC UNBUFFERED SODIMM 204-PIN
VL-MM8-1EBN ETC2-VL-MM8-1EBN Datasheet
188Kb / 10P
1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
VL-MM8-1SBN ETC2-VL-MM8-1SBN Datasheet
187Kb / 10P
1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
VL-MM9-2EBN ETC2-VL-MM9-2EBN Datasheet
220Kb / 13P
2GB 256Mx64 DDR3 SDRAM LOW VOLTAGE NON-ECC UNBUFFERED SODIMM 204-PIN
VL-MM9-4SBN ETC2-VL-MM9-4SBN Datasheet
146Kb / 14P
4GB 512Mx64 DDR3 SDRAM LOW VOLTAGE NON-ECC UNBUFFERED SODIMM 204-PIN
More results

Similar Description - VL-MM5D

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG64129S-D3 WEDC-W3EG64129S-D3 Datasheet
123Kb / 8P
1G- 128Mx64 DDR SDRAM UNBUFFERED
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3HG128M64EEU-D4 WEDC-W3HG128M64EEU-D4 Datasheet
208Kb / 14P
1GB - 128Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
logo
Elpida Memory
EBD11UD8ABFA ELPIDA-EBD11UD8ABFA Datasheet
197Kb / 18P
1GB Unbuffered DDR SDRAM DIMM
EBD11ED8ABFA ELPIDA-EBD11ED8ABFA Datasheet
197Kb / 18P
1GB Unbuffered DDR SDRAM DIMM
logo
List of Unclassifed Man...
VL-MM7-2SBN ETC2-VL-MM7-2SBN Datasheet
215Kb / 12P
2GB 256Mx64 DDR3 SDRAM NON-ECC UNBUFFERED SODIMM 204-PIN
VL-MM8-1EBN ETC2-VL-MM8-1EBN Datasheet
188Kb / 10P
1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
VL-MM8-1SBN ETC2-VL-MM8-1SBN Datasheet
187Kb / 10P
1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
VL-MM9-4SBN ETC2-VL-MM9-4SBN Datasheet
146Kb / 14P
4GB 512Mx64 DDR3 SDRAM LOW VOLTAGE NON-ECC UNBUFFERED SODIMM 204-PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com