Electronic Components Datasheet Search
  English  ▼

X  

AD598 Datasheet(PDF) 6 Page - Analog Devices

Part # AD598
Description  LVDT Signal Conditioner
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD598 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD598 Datasheet HTML 2Page - Analog Devices AD598 Datasheet HTML 3Page - Analog Devices AD598 Datasheet HTML 4Page - Analog Devices AD598 Datasheet HTML 5Page - Analog Devices AD598 Datasheet HTML 6Page - Analog Devices AD598 Datasheet HTML 7Page - Analog Devices AD598 Datasheet HTML 8Page - Analog Devices AD598 Datasheet HTML 9Page - Analog Devices AD598 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD598
REV. A
–6–
DESIGN PROCEDURE
DUAL SUPPLY OPERATION
Figure 7 shows the connection method with dual
±15 volt power
supplies and a Schaevitz E100 LVDT. This design procedure
can be used to select component values for other LVDTs as
well. The procedure is outlined in Steps 1 through 10 as follows:
1. Determine the mechanical bandwidth required for LVDT
position measurement subsystem, fSUBSYSTEM. For this
example, assume fSUBSYSTEM = 250 Hz.
2. Select minimum LVDT excitation frequency, approximately
10
× f
SUBSYSTEM. Therefore, let excitation frequency = 2.5 kHz.
3. Select a suitable LVDT that will operate with an excitation
frequency of 2.5 kHz. The Schaevitz E100, for instance, will
operate over a range of 50 Hz to 10 kHz and is an eligible
candidate for this example.
4. Determine the sum of LVDT secondary voltages VA and VB.
Energize the LVDT at its typical drive level VPRI as shown in
the manufacturer’s data sheet (3 V rms for the E100). Set the
core displacement to its center position where VA = VB. Mea-
sure these values and compute their sum VA+VB. For the
E100, VA+VB = 2.70 V rms. This calculation will be used
later in determining AD598 output voltage.
5. Determine optimum LVDT excitation voltage, VEXC. With
the LVDT energized at its typical drive level VPRI, set the
core displacement to its mechanical full-scale position and
measure the output VSEC of whichever secondary produces
the largest signal. Compute LVDT voltage transformation
ratio, VTR.
VTR = VPRI/VSEC
For the E100, VSEC = 1.71 V rms for VPRI = 3 V rms.
VTR = 1.75.
The AD598 signal input, VSEC, should be in the range of
1 V rms to 3.5 V rms for maximum AD598 linearity and
minimum noise susceptibility. Select VSEC = 3 V rms. There-
fore, LVDT excitation voltage VEXC should be:
VEXC = VSEC
× VTR = 3 × 1.75 = 5.25 V rms
Check the power supply voltages by verifying that the peak
values of VA and VB are at least 2.5 volts less than the volt-
ages at +VS and –VS.
6. Referring to Figure 7, for VS =
±15 V, select the value of the
amplitude determining component R1 as shown by the curve
in Figure 8.
7. Select excitation frequency determining component C1.
C1 = 35
µF Hz/f
EXCITATION
30
20
10
0
0.01
0.1
1
10
100
1000
R1 – k
Ω
Vrms
Figure 8. Excitation Voltage VEXC vs. R1
EXC 1
EXC 2
LEV 1
LEV 2
FREQ 1
FREQ 2
B1 FILT
B2 FILT
OFFSET 1
OFFSET 2
SIG REF
SIG OUT
FEEDBACK
OUT FILT
A1 FILT
A2 FILT
R1
C1
C2
AD598
C3
R2
C4
LVDT
SCHAEVITZ E100
R3
R4
6.8
µF
0.1
µF
0.1
µF
6.8
µF
–15V
SIGNAL
REFERENCE
15V
+
–VS
R
L
VOUT
+VS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
17
18
19
20
NOTE
FOR C1, C2, C3 AND C4 MYLAR
CAPACITORS ARE
RECOMMENDED. CERAMIC
CAPACITORS MAY BE
SUBSTITUTED. FOR R2, R3 AND
R4 USE STANDARD 1%
RESISTORS.
V
A
V
B
V
B
V
A
Figure 7. Interconnection Diagram for Dual Supply Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com