Electronic Components Datasheet Search
  English  ▼

X  

AD598 Datasheet(PDF) 9 Page - Analog Devices

Part # AD598
Description  LVDT Signal Conditioner
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD598 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD598 Datasheet HTML 5Page - Analog Devices AD598 Datasheet HTML 6Page - Analog Devices AD598 Datasheet HTML 7Page - Analog Devices AD598 Datasheet HTML 8Page - Analog Devices AD598 Datasheet HTML 9Page - Analog Devices AD598 Datasheet HTML 10Page - Analog Devices AD598 Datasheet HTML 11Page - Analog Devices AD598 Datasheet HTML 12Page - Analog Devices AD598 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD598
REV. A
–9–
Figure 15. Gain and Phase Characteristics vs. Frequency
(0 kHz–10 kHz)
1000
100
10
1
0.1
0.01
0.1
1
10
C2, C3, C4; C2 = C3 = C4 –
µF
2.5kHz, C
SHUNT = 0nF
2.5kHz, C
SHUNT = 1nF
2.5kHz, C
SHUNT =10nF
Figure 16. Output Voltage Ripple vs. Filter Capacitance
1000
100
10
1
0.1
0.001
0.01
0.1
110
C2, C3, C4; C2 = C3 = C4 –
µF
10kHz , C SHUNT = 0nF
10kHz , C SHUNT = 1nF
10kHz , C SHUNT = 10nF
Figure 17. Output Voltage Ripple vs. Filter Capacitance
Determining LVDT Sensitivity
LVDT sensitivity can be determined by measuring the LVDT
secondary voltages as a function of primary drive and core posi-
tion, and performing a simple computation.
Energize the LVDT at its recommended primary drive level,
VPRI (3 V rms for the E100). Set the core to midpoint where
VA = VB. Set the core displacement to its mechanical full-scale
position and measure secondary voltages VA and VB.
Sensitivity
=
VA(at Full Scale )– VB (at Full Scale )
VPRI × d
From Figure 18,
Sensitivity
=
1.71 – 0.99
3
× 100 mils =
2.4 mV/V/mil
d = –100 mils
d = 0
A
V
VB
1.71V rms
0.99V rms
100 mils
+
d =
VSEC WHEN VPRI = 3V rms
Figure 18. LVDT Secondary Voltage vs. Core Displacement
Thermal Shutdown and Loading Considerations
The AD598 is protected by a thermal overload circuit. If the die
temperature reaches 165
°C, the sine wave excitation amplitude
gradually reduces, thereby lowering the internal power dissipa-
tion and temperature.
Due to the ratiometric operation of the decoder circuit, only
small errors result from the reduction of the excitation ampli-
tude. Under these conditions the signal-processing section of
the AD598 continues to meet its output specifications.
The thermal load depends upon the voltage and current deliv-
ered to the load as well as the power supply potentials. An
LVDT Primary will present an inductive load to the sine wave
excitation. The phase angle between the excitation voltage and
current must also be considered, further complicating thermal
calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com