Electronic Components Datasheet Search
  English  ▼

X  

AD598 Datasheet(PDF) 15 Page - Analog Devices

Part # AD598
Description  LVDT Signal Conditioner
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD598 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD598 Datasheet HTML 8Page - Analog Devices AD598 Datasheet HTML 9Page - Analog Devices AD598 Datasheet HTML 10Page - Analog Devices AD598 Datasheet HTML 11Page - Analog Devices AD598 Datasheet HTML 12Page - Analog Devices AD598 Datasheet HTML 13Page - Analog Devices AD598 Datasheet HTML 14Page - Analog Devices AD598 Datasheet HTML 15Page - Analog Devices AD598 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD598
REV. A
–15–
OPERATION WITH A HALF-BRIDGE TRANSDUCER
Although the AD598 is not intended for use with a half-bridge
type transducer, it may be made to function with degraded
performance.
A half-bridge type transducer is a popular transducer. It works
in a similar manner to the LVDT in that two coils are wound
around a moveable core and the inductance of each coil is a
function of core position.
In the circuit shown in Figure 27 the VA and VB input voltages
are developed as two resistive-inductor dividers. If the inductors
are equal (i.e., the core is centered), the VA and VB input volt-
ages to the AD598 are equal and the output voltage VOUT is
zero. When the core is positioned off center, the inductors are
unequal and an output voltage VOUT is developed.
The linearity of this circuit is dependent upon the value of the
resistors in the resistive-inductor dividers. The optimum value
may be transducer dependent and therefore must be selected by
trial and error. The 300
Ω resistors in this circuit optimize the
nonlinearity of the transfer function to within several tenths of
1%. This circuit uses a Sangamo AGH1 half-bridge transducer.
The 1
µF capacitor blocks the dc offset of the excitation output
signal. The 4 nF capacitor sets the transducer excitation fre-
quency to 10 kHz as recommended by the manufacturer.
ALTERNATE HALF-BRIDGE TRANSDUCER CIRCUIT
This circuit suffers from similar accuracy problems to those
mentioned in the previous circuit description. In this circuit the
VA input signal to the AD598 really and truly is a linear function
of core position, and the input signal VB, is one half of the exci-
tation voltage level. However, a nonlinearity is introduced by
the A–B/A+B transfer function.
The 500
Ω resistors in this circuit are chosen to minimize errors
caused by dc bias currents from the VA and VB inputs. Note that
in the previous circuit these bias currents see very low resistance
paths to ground through the coils.
EXC 1
EXC 2
LEV 1
LEV 2
FREQ 1
FREQ 2
B1 FILT
B2 FILT
OFFSET 1
OFFSET 2
SIG REF
SIG OUT
FEEDBACK
OUT FILT
A1 FILT
A2 FILT
AD598
–VS
+VS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
17
18
19
20
VB
VA
0.1
µF
0.33
µF
0.1
µF
–V
0.1
µF
0.1
µF
+V
82.5k
Ω
5k
Ω
4nF
SANGAMO
AGHI
HALF-BRIDGE
1
µF1µF
300
Ω
300
Ω
MECHANICAL
POSITION
INPUT
VOUT ± 10V
FULL SCALE
Figure 27. Half-Bridge Operation
EXC 1
EXC 2
LEV 1
LEV 2
FREQ 1
FREQ 2
B1 FILT
B2 FILT
OFFSET 1
OFFSET 2
SIG REF
SIG OUT
FEEDBACK
OUT FILT
A1 FILT
A2 FILT
AD598
–VS
+VS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
17
18
19
20
VB
VA
0.1
µF
0.33
µF
0.1
µF
–V
0.1
µF
0.1
µF
+V
143k
Ω
1.87k
Ω
4nF
SANGAMO
AGHI
HALF-BRIDGE
1
µF
500
Ω
500
Ω
MECHANICAL
POSITION
INPUT
VOUT ± 10V
FULL SCALE
Figure 28. Alternate Half-Bridge Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com