Electronic Components Datasheet Search
  English  ▼

X  

AD604 Datasheet(PDF) 7 Page - Analog Devices

Part # AD604
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD604 Datasheet HTML 3Page - Analog Devices AD604 Datasheet HTML 4Page - Analog Devices AD604 Datasheet HTML 5Page - Analog Devices AD604 Datasheet HTML 6Page - Analog Devices AD604 Datasheet HTML 7Page - Analog Devices AD604 Datasheet HTML 8Page - Analog Devices AD604 Datasheet HTML 9Page - Analog Devices AD604 Datasheet HTML 10Page - Analog Devices AD604 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD604
REV. 0
–7–
VGN – Volts
–30
–60
–80
0.5
2.1
2.9
–40
–50
–70
0.9
1.3
1.7
2.5
HD2(1MHz)
HD3(1MHz)
VO = 1V p-p
HD3(10MHz)
HD2(10MHz)
–35
–65
–45
–55
–75
Figure 20. Harmonic Distortion vs.
VGN
VGN – Volts
5
–15
–35
0.1
1.3
0
–5
–10
–20
–30
–25
0.5
0.9
1.7
2.1
10MHz
1MHz
INPUT
SIGNAL
LIMIT
800mV p-p
2.5
2.9
Figure 23. 1 dB Compression vs. VGN
100ns / DIV
VO = 200mV p-p
VGN = 1.5V
200
–200
253ns
1.253µs
TRIG'D
Figure 26. Small Signal Pulse
Response
FREQUENCY – Hz
–40
–50
–70
100k
–60
–45
–55
–65
1M
10M
100M
VO = 1V p-p
VGN = +1.0V
HD2
HD3
Figure 19. Harmonic Distortion vs.
Frequency
FREQUENCY – MHz
–90
–120
9.96
9.98
10
10.02
10.04
–30
–80
–100
–110
–60
–70
–40
–50
VO = 1V p-p
VGN = 1.0V
–20
Figure 22. Intermodulation Distortion
100ns / DIV
VO = 2V p-p
VGN = 1.5V
2V
–2V
253ns
1.253µs
Figure 25. Large Signal Pulse
Response
RSOURCE – Ω
–20
–50
–80
0
200
250
–30
–40
–70
–60
50
150
100
HD3(10MHz)
HD2(10MHz)
HD3(1MHz)
HD2(1MHz)
R
S
DUT
50
Ω
500
Ω
VO = 1V p-p
VGN = 1.0V
Figure 21. Harmonic Distortion vs.
RSOURCE
VGN – Volts
25
20
–15
0.4
0.9
2.9
1.4
1.9
2.4
5
0
–5
–10
15
10
VO = 1V p-p
f = 1MHz
f = 10MHz
Figure 24. 3rd Order Intercept vs.
VGN
10
0%
100
90
500mV
200ns
500mV
2.9V
0V
Figure 27. Power-Up/Down Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com