Electronic Components Datasheet Search
  English  ▼

X  

AD604 Datasheet(PDF) 8 Page - Analog Devices

Part # AD604
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD604 Datasheet HTML 4Page - Analog Devices AD604 Datasheet HTML 5Page - Analog Devices AD604 Datasheet HTML 6Page - Analog Devices AD604 Datasheet HTML 7Page - Analog Devices AD604 Datasheet HTML 8Page - Analog Devices AD604 Datasheet HTML 9Page - Analog Devices AD604 Datasheet HTML 10Page - Analog Devices AD604 Datasheet HTML 11Page - Analog Devices AD604 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD604
REV. 0
–8–
FREQUENCY – Hz
–30
–10
–20
–40
–50
–60
0
–70
100k
1M
100M
10M
VGN2 = 2.9V
VGN2 = 2.0V
VGN2 = 1.5V
VGN1 = 1V
VOUT1 = 1V p-p
VIN2 = GND
VGN2 = 0.1V
Figure 29. Crosstalk (CH1 to CH2) vs.
Frequency
TEMPERATURE –
°C
27.6
25.8
20
90
27.2
26.8
26.6
26.2
–20
0
60
80
40
–40
26.0
26.4
27.0
27.4
Figure 32. Input Bias Current vs.
Temperature
FREQUENCY – Hz
100k
1M
100M
10M
VGN = 0.1V
VGN = 2.9V
20
14
6
8
10
12
16
18
Figure 34. Group Delay vs. Frequency
FREQUENCY – Hz
–50
–10
–20
–30
–40
–60
0
100k
1M
100M
10M
VGN = 2.9V
VGN = 0.1V
VGN = 2.0V
VGN = 2.5V
Figure 30. DSX Common-Mode
Rejection vs. Frequency
TEMPERATURE –
°C
40
20
0
35
30
25
15
10
5
–40
40
90
–20
0
20
60
80
AD604 (+IS)
DSX (+IS)
PRE-AMP (
±I
S)
+IS (VGN = 0)
– IS (AD604) = –IS (PA)
+IS (AD604) = +IS (PA) + +IS (DSX)
Figure 33. Supply Current (One
Channel) vs. Temperature
10
0%
100
90
500mV
100ns
500mV
2.9V
0.1V
Figure 28. Gain Response
FREQUENCY – Hz
1M
1k
1
1k
1M
100M
100k
10k
100
10
10k
100k
10M
Figure 31. Input Impedance vs.
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com