Electronic Components Datasheet Search
  English  ▼

X  

AD604 Datasheet(PDF) 9 Page - Analog Devices

Part # AD604
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD604 Datasheet HTML 5Page - Analog Devices AD604 Datasheet HTML 6Page - Analog Devices AD604 Datasheet HTML 7Page - Analog Devices AD604 Datasheet HTML 8Page - Analog Devices AD604 Datasheet HTML 9Page - Analog Devices AD604 Datasheet HTML 10Page - Analog Devices AD604 Datasheet HTML 11Page - Analog Devices AD604 Datasheet HTML 12Page - Analog Devices AD604 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD604
REV. 0
–9–
1To understand the active-feedback amplifier topology, refer to the AD830 data
sheet. The AD830 is a practical implementation of the idea.
THEORY OF OPERATION
The AD604 is a dual channel, variable gain amplifier with an
ultralow noise preamplifier. Figure 35 shows the simplified
block diagram of one channel. Each channel consists of:
(1) a preamplifier with gain setting resistors R5, R6 and R7
(2) a single-supply X-AMP (hereafter called, DSX, Differential
Single-supply X-AMP) made up of:
(a) a precision passive attenuator (differential ladder)
(b) a gain control block
(c) a VOCM buffer with supply splitting resistors R3 and R4
(d) an Active Feedback Amplifier
1 (AFA) with gain setting
resistors R1 and R2
The preamplifier is powered by a
±5 V supply, while the DSX
uses a single +5 V supply. The linear-in-dB gain response of the
AD604 can generally be described by Equation 1:
G (dB) = (Gain Scaling (dB/V))
× (Gain Control (V )) +
((Preamp Gain (dB)) – 19 dB)
(1)
Each channel provides between 0 dB to +48.4 dB through +6 dB
to +54.4 dB of gain depending on the user determined pream-
plifier gain. The center 40 dB of gain is exactly linear-in-dB
while the gain error increases at the top and bottom of the
range. The gain of the preamplifier is typically either +14 dB or
+20 dB, but can be set to intermediate values by a single exter-
nal resistor (see PREAMPLIFIER section for details). The gain
of the DSX can vary from –14 dB to +34.4 dB which is deter-
mined by the gain control voltage (VGN). The VREF input
establishes the gain scaling – the useful gain scaling range is
between 20 dB/V and 40 dB/V for a VREF voltage of 2.5 V and
1.25 V respectively. For example, if the preamp gain was set to
+14 dB and VREF was set to 2.50 V (to establish a gain scaling
of 20 dB/V), the gain equation would simplify to:
G (dB ) = (20 (dB/V ))
× (VGN (V )) – 5 dB
The desired gain can then be achieved by setting the unipolar
gain control (VGN) to a voltage within its nominal operating
range of 0.25 V to 2.65 V (for 20 dB/V gain scaling). The gain is
monotonic for a complete gain control voltage range of 0.1 V to
2.9 V. Maximum gain can be achieved at a VGN of 2.9 V.
Since the two channels are identical, only Channel 1 will be
used to describe their operation. VREF and VOCM are the only
inputs that are shared by the two channels, and since they are
normally ac grounds, crosstalk between the two channels is
minimized. For highest gain scaling accuracy, VREF should
have an external low impedance voltage source. For low accu-
racy 20 dB/V applications, the VREF input can be decoupled
with a capacitor to ground. In this mode the gain scaling will be
determined by the midpoint between +VCC and GND, so care
should be taken to control the supply voltage to +5 V. The in-
put resistance looking into the VREF pin is 10 k
Ω ± 20%.
The DSX portion of the AD604 is a single-supply circuit and
the VOCM pin is used to establish the dc level of the midpoint
of this portion of the circuit. VOCM needs only an external
decoupling capacitor to ground to center the midpoint between
the supply voltages (+5 V, GND); however, if the dc level of the
output is important to the user (see APPLICATIONS section
for AD9050 example), then VOCM can be specifically set. The
input resistance looking into the VOCM pin is 45 k
Ω ± 20%.
Preamplifier
The input capability of the following single-supply DSX (2.5
±
2 V for a +5 V supply) limits the maximum input voltage of the
preamplifier to
±400 mV for the 14 dB gain configuration or
±200 mV for the 20 dB gain configuration.
The preamplifier’s gain can be programmed to +14 dB or
+20 dB; by either shorting the FBK1 node to PAO1 (+14 dB),
or leaving node FBK1 open (+20 dB). These two gain settings
are very accurate since they are set by the ratio of on-chip resis-
tors. Any intermediate gain can be achieved by connecting the
appropriate resistor value between PAO1 and FBK1 according
to Equations 2 and 3:
G
=
V
OUT
V
IN
=
( R7 R
EXT ) + R5 + R6
R6
(2)
REXT =
[R6
×G −(R5+ R6)]× R7
R7
−(R6 ×G )+(R5+ R6)
(3)
FBK
C1
R1
820
VREF
VGN
PAI
PAO
+DSX
–DSX
EXT.
COM
R5
32
R7
40
R6
8
VPOS
VOCM
R3
200k
C3
C2
OUT
DIFFERENTIAL
ATTENUATOR
DISTRIBUTED GM
175
175
G1
GAIN
CONTROL
Ao
G2
R2
20
R4
200k
EXT.
Figure 35. Simplified Block Diagram of a Single Channel of the AD604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com