Electronic Components Datasheet Search
  English  ▼

X  

AD604AR Datasheet(PDF) 15 Page - Analog Devices

Part # AD604AR
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604AR Datasheet(HTML) 15 Page - Analog Devices

Back Button AD604AR Datasheet HTML 11Page - Analog Devices AD604AR Datasheet HTML 12Page - Analog Devices AD604AR Datasheet HTML 13Page - Analog Devices AD604AR Datasheet HTML 14Page - Analog Devices AD604AR Datasheet HTML 15Page - Analog Devices AD604AR Datasheet HTML 16Page - Analog Devices AD604AR Datasheet HTML 17Page - Analog Devices AD604AR Datasheet HTML 18Page - Analog Devices AD604AR Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD604
REV. 0
–15–
This dc voltage will now be forced equal to the voltage, VSET, by
the control loop. The squarer together with the low-pass filter
functions as a mean-square detector. As should be evident, by
controlling the value of VSET, we can set the amplitude of the
voltage V1 at the input of the AD835; if VSET equals minus
80 mV, the AGC output signal amplitude will be
±400 mV.
Figure 45 shows the control voltage, VGN, versus the input
power at frequencies of 1 MHz (solid line) and 10 MHz (dashed
line) at an output regulated level of +2 dBm (800 mV p-p). The
AGC threshold is evident at a PIN of about –79 dBm; the high-
est input power that could still be accommodated was about
+3 dBm. At this level the output starts being distorted because
of clipping in the preamplifier.
PIN – dBm
4.5
4.0
0.5
0
–40
3.5
3.0
1.0
2.5
2.0
1.5
–80
–70
–60
–50
–30
–20
–10
10
1MHz
10MHz
Figure 45. Control Voltage vs. Input Power of Circuit in
Figure 42
As mentioned already, the second preamplifier can be used to
extend the range of the AGC circuit in Figure 42. Figure 46
shows the modifications that need to be made to Figure 44 to
achieve 96 dB of gain and dynamic range. Because of the ex-
tremely high gain, the bandwidth needs to be limited to reject
some of the noise; furthermore, limiting the bandwidth will help
suppress high frequency oscillations. The added components act
as a low-pass filter and dc block (C5 level shifts the output of
the first DSX from 2.5 V to ground); the ferrite bead has an im-
pedance of about 5
Ω at 1 MHz, 30 Ω at 10 MHz, and 70 Ω at
100 MHz. Together with R2 and C6, the bead makes a low-pass
filter which attenuates higher frequencies; at 1 MHz the attenu-
ation is about –0.2 dB, while at 10 MHz it increases to –6 dB, on
to –28 dB at 100 MHz. Signals now have to be less than about
1 MHz to not be significantly affected by the added circuitry.
In Figure 47 we see the control voltage vs. input power at
1 MHz to the circuit in Figure 46; note that the AGC threshold
is at –95 dBm. The output signal level was set to 800 mV p-p by
applying –80 mV to the VSET connector.
12
11
10
9
8
1
2
3
4
7
6
5
13
16
15
14
24
23
22
21
20
19
18
17
AD604
C3
0.1µF
R2
499
Ω
C6
560pF
FB
C5
0.1µF
FAIR-RITE
#2643000301
–DSX1
+DSX1
PAI1
FBK1
PAO1
COM1
COM2
PAI2
FBK2
PAO2
+DSX2
–DSX2
VGN1
VREF
VPOS
GND1
OUT1
VNEG
VNEG
VPOS
GND2
OUT2
VOCM
VGN2
Figure 46. Modifications of AGC Amplifier to Get 96 dB of
Gain Range
PIN – dBm
4.5
4.0
0
–100
0
–40
3.5
3.0
1.0
2.5
2.0
1.5
–90
–80
–70
–60
–50
–30
–20
–10
10
1MHz
0.5
Figure 47. Control Voltage vs. Input Power of Circuit in
Figure 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com