Electronic Components Datasheet Search
  English  ▼

X  

AD604AR Datasheet(PDF) 17 Page - Analog Devices

Part # AD604AR
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604AR Datasheet(HTML) 17 Page - Analog Devices

Back Button AD604AR Datasheet HTML 12Page - Analog Devices AD604AR Datasheet HTML 13Page - Analog Devices AD604AR Datasheet HTML 14Page - Analog Devices AD604AR Datasheet HTML 15Page - Analog Devices AD604AR Datasheet HTML 16Page - Analog Devices AD604AR Datasheet HTML 17Page - Analog Devices AD604AR Datasheet HTML 18Page - Analog Devices AD604AR Datasheet HTML 19Page - Analog Devices AD604AR Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD604
REV. 0
–17–
20
27
28
15
16
17
18
19
24
25
26
22
14
13
10
3
4
9
6
5
AD9050
COMP
VREFIN
VREFOUT
REFBP
AINB
ENCODE
OR
AIN
(MSB) D9
D8
D5
D6
D7
D4
D3
D2
D1
(LSB) D0
+5V
+5V
A/D
OUTPUT
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
AD604
0.1µF
0.1µF
0.1µF
1k
Ω
0.1µF
50
Ω
CLK
0.1µF
50
Ω
J2
ANALOG
INPUT
100
Ω
12
11
20
19
18
17
16
15
14
13
10
9
8
1
2
3
4
7
6
5
AD7226
VOUTB
VOUTA
AGND
VREF
VSS
DGND
DB7
(MSB)
DB6
DB5
DB4
VOUTC
VOUTD
A1
A0
VDD
WR
DB0
(LSB)
DB1
DB2
DB3
VREF
+15V
DIGITAL GAIN CONTROL
0.1µF
FILTER
1k
Ω
2
3
6
AD9631
1k
Ω
OPTIONAL
0.1µF
0.1µF
0.1µF
0.1µF
–IN
+IN
OUT
–DSX1
+DSX1
PAI1
FBK1
PAO1
COM1
COM2
PAI2
FBK2
PAO2
+DSX2
–DSX2
VGN1
VREF
VPOS
GND1
OUT1
VNEG
VNEG
VPOS
GND2
OUT2
VOCM
VGN2
Figure 50. TGC Circuit for Medical Ultrasound Application
AD604
DUT
0.1µF
450
Ω
PAI
49.9
Ω
OUT
R
A
HP3577B
50
Ω
HP11636B
POWER
SPLITTER
Figure 52. Setup for Gain Measurements
13
16
15
14
19
18
17
24
23
22
21
20
12
11
10
9
8
1
2
3
4
7
6
5
AD604
R1
500
Ω
+5V
–5V
C6
0.1µF
C11
0.1µF
C4
0.1µF
IN1
VREF
OUT1
VOCM
C2
5pF
C12
0.1µF
R4
500
Ω
C10
0.1µF
C5
0.1µF
C8
5pF
C9
0.1µF
C7
0.1µF
VG1
VG2
OUT2
R3
RGN
C1
0.1µF
R2
RGN
NOTE 2
NOTE 3
NOTE 3
IN2
PAO2
PAO1
C3
0.1µF
NOTES:
1. PAO1 AND PAO2 ARE USED TO MEASURE PREAMPS.
2. RGN = 0 NOMINALLY; PREAMP GAIN = 5, RGN = OPEN; PREAMP GAIN = 10
3. WHEN MEASURING BW WITH 50
Ω SPECTRUM ANALYZER, USE 450Ω IN SERIES.
–DSX1
+DSX1
PAI1
FBK1
PAO1
COM1
COM2
PAI2
FBK2
PAO2
+DSX2
–DSX2
VGN1
VREF
VPOS
GND1
OUT1
VNEG
VNEG
VPOS
GND2
OUT2
VOCM
VGN2
OPTIONAL
Figure 51. Basic Test Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com