Electronic Components Datasheet Search
  English  ▼

X  

AD604AR Datasheet(PDF) 16 Page - Analog Devices

Part # AD604AR
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604AR Datasheet(HTML) 16 Page - Analog Devices

Back Button AD604AR Datasheet HTML 12Page - Analog Devices AD604AR Datasheet HTML 13Page - Analog Devices AD604AR Datasheet HTML 14Page - Analog Devices AD604AR Datasheet HTML 15Page - Analog Devices AD604AR Datasheet HTML 16Page - Analog Devices AD604AR Datasheet HTML 17Page - Analog Devices AD604AR Datasheet HTML 18Page - Analog Devices AD604AR Datasheet HTML 19Page - Analog Devices AD604AR Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD604
REV. 0
–16–
Ultralow Noise, Differential Input-Differential Output VGA
Figure 48 shows how to use both preamplifiers and DSXs to
create a high impedance, differential input-differential output
variable gain amplifier. This application takes advantage of the
differential inputs to the DSXs. It should be pointed out that
the input is not truly differential, in the sense that the common-
mode voltage needs to be at ground to achieve maximum input
signal swing. This has mainly to do with the limited output
swing capability of the output drivers of the preamplifiers; they
clip around
±2.2 V due to having to drive an effective load of
about 30
Ω. If a different input common-mode voltage needs to
be accommodated, ac coupling (as was done in Figure 46) is
recommended. The differential gain range of this circuit runs
from +6 dB to +54 dB. This is 6 dB higher than each individual
channel of the AD604 because the DSX inputs now see twice
the signal amplitude compared to when they are driven single
ended.
13
16
15
14
19
18
17
24
23
22
21
20
12
11
10
9
8
1
2
3
4
7
6
5
AD604
C3
0.1µF
C12
0.1µF
FB
FB
C13
0.1µF
+5V
–5V
ALL SUPPLY PINS ARE DECOUPLED AS SHOWN.
C4
0.1µF
C2
0.1µF
R2
453
Ω
+5V
–5V
–5V
+5V
C5
0.1µF
C6
0.1µF
R1
453
Ω
C7
0.1µF
C1
0.1µF
VIN+
VIN–
VG
VREF
VOUT+
VOUT–
–DSX1
+DSX1
PAI1
FBK1
PAO1
COM1
COM2
PAI2
FBK2
PAO2
+DSX2
–DSX2
VGN1
VREF
VPOS
GND1
OUT1
VNEG
VNEG
VPOS
GND2
OUT2
VOCM
VGN2
Figure 48. Ultralow Noise, Differential Input–Differential
Output VGA
Figure 49 displays the output signals VOUT+ and VOUT– after
a –20 dB attenuator formed between the 453
Ω resistors shown
in Figure 48 and the 50
Ω loads presented by the oscilloscope
plug-in. R1 and R2 were inserted to insure a nominal load of
500
Ω at each output. The differential gain of the circuit was set
to +20 dB by applying a control voltage, VGN, of 1 V; the gain
scaling was 20 dB/V for a VREF of 2.500 V; the input frequency
was 10 MHz and the differential input amplitude 100 mV p-p.
The resulting differential output amplitude was 1 V p-p as can
be seen on the scope photo when reading the vertical scale as
200 mV/div.
10
0%
100
90
20ns
20mV
20mV
+500mV
–500mV
ACTUAL
VOUT
NOTE 1. OUTPUT AFTER 10x ATTENUATER FORMED
BY 453
Ω TOGETHER WITH 50Ω OF 7A24 PLUG-IN.
Figure 49. Output of VGA in Figure 48 for VG = 1 V
Medical Ultrasound TGC Driving the AD9050, a 10-Bit,
40 MSPS A/D
The AD604 is an ideal candidate for the TGC (Time Gain
Control) amplifier that is required in medical ultrasound sys-
tems to limit the dynamic range of the signal that is presented to
the A/D converter. Figure 50 shows a schematic of an AD604
driving an AD9050 in a typical medical ultrasound application.
The gain is controlled by means of a digital byte that is input to
an AD7226 D/A converter that outputs the analog gain control
signal. The output common-mode voltage of the AD604 is set
to VPOS/2 by means of an internal voltage divider. The VOCM
pin is bypassed with a 0.1
µF to ground.
The DSX output is optionally filtered and then buffered by an
AD9631 op amp, a low distortion, low noise amplifier. The op
amp output is ac coupled into the self-biasing input of an
AD9050 A/D converter which is capable of outputting 10 bits at
a 40 MSPS sampling rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com