Electronic Components Datasheet Search
  English  ▼

X  

IR43X2 Datasheet(PDF) 4 Page - International Rectifier

Part # IR43X2
Description  channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR43X2 Datasheet(HTML) 4 Page - International Rectifier

  IR43X2 Datasheet HTML 1Page - International Rectifier IR43X2 Datasheet HTML 2Page - International Rectifier IR43X2 Datasheet HTML 3Page - International Rectifier IR43X2 Datasheet HTML 4Page - International Rectifier IR43X2 Datasheet HTML 5Page - International Rectifier IR43X2 Datasheet HTML 6Page - International Rectifier IR43X2 Datasheet HTML 7Page - International Rectifier IR43X2 Datasheet HTML 8Page - International Rectifier IR43X2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IR43x2
4
www.irf.com
© 2012 International Rectifier
January 2, 2013
3. Single Power Supply (Inverting Amplifier)
Qualification Information
†
Industrial
††
Qualification Level
Comments: This family of ICs has passed JEDEC’s Industrial
qualification.
IR’s Consumer qualification level is granted by
extension of the higher Industrial level.
Moisture Sensitivity Level
MSL2
(per IPC/JEDEC J-STD-020C)
Machine Model
Class A
(per JEDEC standard EIA/JESD22-A115)
ESD
Human Body Model
Class 1B
(per EIA/JEDEC standard JESD22-A114)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your
International Rectifier sales representative for further information.
†††
Higher MSL ratings may be available for the specific package types listed here. Please contact your International
Rectifier sales representative for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com