Electronic Components Datasheet Search
  English  ▼

X  

IR43X2 Datasheet(PDF) 17 Page - International Rectifier

Part # IR43X2
Description  channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR43X2 Datasheet(HTML) 17 Page - International Rectifier

Back Button IR43X2 Datasheet HTML 9Page - International Rectifier IR43X2 Datasheet HTML 10Page - International Rectifier IR43X2 Datasheet HTML 11Page - International Rectifier IR43X2 Datasheet HTML 12Page - International Rectifier IR43X2 Datasheet HTML 13Page - International Rectifier IR43X2 Datasheet HTML 14Page - International Rectifier IR43X2 Datasheet HTML 15Page - International Rectifier IR43X2 Datasheet HTML 16Page - International Rectifier IR43X2 Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
IR43x2
17
www.irf.com
© 2012 International Rectifier
January 2, 2013
Board Mounting Information
Refer to Application Note AN-1170 Audio Power Quad Flat No-Lead (PQFN) Board Mounting Application Note.
Part Marking Information
Ordering Information
Standard Pack
Base Part Number
Package Type
Form
Quantity
Complete Part Number
IR4302M
PQFN44
7x7mm
Tape and Reel
3000
IR4302MTRPBF
IR4322M
PQFN44
7x7mm
Tape and Reel
3000
IR4322MTRPBF
IR4312M
PQFN44
7x7mm
Tape and Reel
3000
IR4312MTRPBF
The information provided in this document is believed to be accurate and reliable. However, International
Rectifier assumes no responsibility for the consequences of the use of this information. International
Rectifier assumes no responsibility for any infringement of patents or of other rights of third parties which
may result from the use of this information. No license is granted by implication or otherwise under any
patent or patent rights of International Rectifier. The specifications mentioned in this document are
subject to change without notice. This document supersedes and replaces all information previously
supplied.
For technical support, please contact IR’s Technical Assistance Center
http://www.irf.com/technical-info/
WORLD HEADQUARTERS:
101 N. Sepulveda Blvd., El Segundo, California 90245
Tel: (310) 252-7105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com