Electronic Components Datasheet Search
  English  ▼

X  

IR43X2 Datasheet(PDF) 10 Page - International Rectifier

Part # IR43X2
Description  channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR43X2 Datasheet(HTML) 10 Page - International Rectifier

Back Button IR43X2 Datasheet HTML 6Page - International Rectifier IR43X2 Datasheet HTML 7Page - International Rectifier IR43X2 Datasheet HTML 8Page - International Rectifier IR43X2 Datasheet HTML 9Page - International Rectifier IR43X2 Datasheet HTML 10Page - International Rectifier IR43X2 Datasheet HTML 11Page - International Rectifier IR43X2 Datasheet HTML 12Page - International Rectifier IR43X2 Datasheet HTML 13Page - International Rectifier IR43X2 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
IR43x2
10
www.irf.com
© 2012 International Rectifier
January 2, 2013
Electrical Characteristics (cont’d)
VCC,VBS= 12 V, VSS=VS1=VS2=VN1=VN2=COM=0V, VAA=9.6V and TA=25
qC unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Protection
IOCPn
Over current detection
Positive threshold, n=1-2
-
16
-
A
IOCNn
Over current detection
Negatitive threshold, n=1-2
-
-16
-
A
Vth1
CSD pin shutdown release
threshold
0.62xVAA 0.70xVAA
0.78xVAA
V
Vth2
CSD pin self reset threshold
0.26xVAA 0.30xVAA
0.34xVAA
V
ICSD+
CSD pin discharge current
70
100
130
μA
VCSD = VSS
+4.8V
ICSD-
CSD pin charge current
70
100
130
μA
VCSD = VSS
+4.8V
tSDn
Shutdown propagation delay
from VS < Vth1 to Shutdown,
n=1-2
-
-
250
ns
COMP = VSS
tOCPn
CHn propagation delay time
from IOn > IOCPn to Shutdown,
n=1-2
-
-
500
ns
COMP = VSS
tOCNn
CHn propagation delay time
from IOn < IOCNn to Shutdown,
n=1-2
-
-
500
ns
COMP = VSS
Vth+CLIP
Clip detection positive
threshold in COMP
0.85xVAA 0.90xVAA
0.95xVAA
V
Vth-CLIP
Clip detection negative
threshold in COMP
0.05xVAA 0.10xVAA
0.15xVAA
V
tCLIP
Clipping detection
propagation delay
-
40
-
ns
tCLIPmin
Clipping detection minimum
output duration
-
3
-
us
TSD
Over temperature shutdown
threshold in controller IC
-
105
-
ºC
TSDHYS
Over temperature shutdown
threshold hysteresis
-
7
-
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com