Electronic Components Datasheet Search
  English  ▼

X  

P7618 Datasheet(PDF) 2 Page - ETAL Group

Part # P7618
Description  The P7618 family comprises of medium current, non- shielded power inductors in low profile size (1.0mm max. to 2.0mm max.).
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7618 Datasheet(HTML) 2 Page - ETAL Group

  P7618 Datasheet HTML 1Page - ETAL Group P7618 Datasheet HTML 2Page - ETAL Group P7618 Datasheet HTML 3Page - ETAL Group P7618 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT DATA SHEET
P7618
SPECIFICATIONS
3010 size
3012 size
Marking
(A)
(A)
Part No
Inductance (µH)
(A)
(A)
Marking
Part No
Inductance (µH)
I
P7618-3012-4R7M
4.7±20%
0.1V/100K
190
0,95
0,95
3.3±30%
0.1V/100K
130
1,10
1,20
G
1,55
C
P7618-3012-2R2N
2.2±30%
0.1V/100K
93
1,30
1,40
E
0.1V/100K
53
1,90
1,70
B
P7618-3012-1R5N
1.5±30%
0.1V/100K
67
1,70
1,85
8
P7618-3012-1R0N
1.0±30%
0.1V/100K
53
1,90
1,70
A
0.1V/100K
38
2,50
1,95
7
P7618-3012-R68N
0.68±30%
0.1V/100K
44
2,10
IDC1
IDC2
(Hz)
±20%
Test Frequency
RDC (m )
0.56±30%
P7618-3010-1R0N
1.0±30%
P7618-3010-1R5N
1.5±30%
P7618-3012-R56N
P7618-3012-1R2N
1.2±30%
P7618-3012-3R3N
P7618-3010-3R3N
Test Frequency
RDC (m )
IDC1
P7618-3010-2R2N
0.1V/100K
120
0.1V/100K
170
0,80
IDC2
(Hz)
±20%
64
1,50
1,70
1,45
2.2±30%
E
A
P7618-3010-1R2N
1.2±30%
0.1V/100K
72
1,30
1,60
B
0.1V/100K
0,90
H
3.3±30%
0.1V/100K
86
1,10
1,00
C
0,95
1,25
P7618-3010-4R7M
4.7±20%
0.1V/100K
250
G
P7618-3010-3R9N
3.9±30%
0.1V/100K
200
0,70
0,65
0,85
I
P7618-3010-5R6M
5.6±20%
0.1V/100K
300
0,60
0,78
J
K
P7618-3010-8R2M
8.2±20%
0.1V/100K
400
0,50
0,65
L
P7618-3010-6R8M
6.8±20%
P7618-3010-100M
10±20%
0.1V/100K
490
0,55
0,70
0.1V/100K
350
0,45
0,60
M
P7618-3010-150M
15±20%
0.1V/100K
680
0,38
0,50
O
0,33
0,40
Q
P7618-3010-220M
22±20%
0.1V/100K
1000
ELECTRICAL
3015 size
Tolerance code: □ :
M=±20%
N=±30%
U
I
J
K
M
D
E
F
G
O
Q
(Hz)
(A)
Inductance (µH)
0,68
Tolerance
N
±20%
P7618-3015-470□
Part No
Test Frequency
RDC (m )
IDC1
IDC2
(A)
0.1V/100K
1680
47
M
0,40
0,26
P7618-3015-220□
0.1V/100K
780
0,65
0,42
P7618-3015-150□
0.1V/100K
540
0,95
15
M
1,10
0,95
0,75
0,70
0,60
P7618-3015-6R8□
0.1V/100K
220
6,8
M
P7618-3015-100□
0.1V/100K
330
P7618-3015-5R6□
0.1V/100K
200
1,20
1,00
P7618-3015-4R7□
0.1V/100K
180
1,60
4,7
M
1,70
1,30
1,25
1,30
1,05
P7618-3015-2R7□
0.1V/100K
110
2,7
M,N
P7618-3015-3R3□
0.1V/100K
120
1,70
1,55
2,00
1,45
P7618-3015-2R2□
0.1V/100K
99
1,90
1,35
P7618-3015-1R8□
P7618-3015-1R5□
0.1V/100K
71
2,20
1,5
1,8
N
0.1V/100K
79
44
3,00
P7618-3015-1R2□
0.1V/100K
55
1,2
N
2,50
M,N
1,85
1,0
P7618-3015-R68□
0.1V/100K
38
3,40
2,00
P7618-3015-1R0□
0.1V/100K
3,3
M,N
Marking
8
A
B
C
2,2
N
N
S
P7618-3012-470M
47±20%
0.1V/100K
1530
0,30
0,22
U
P7618-3012-330M
33±20%
0.1V/100K
1140
0,36
0,31
O
P7618-3012-220M
22±20%
0.1V/100K
790
0,45
0,41
Q
P7618-3012-150M
15±20%
0.1V/100K
530
0,55
0,56
K
P7618-3012-100M
10±20%
0.1V/100K
360
0,65
0,67
M
P7618-3012-6R8M
6.8±20%
0.1V/100K
260
0,80
0,80
I
P7618-3012-5R6M
5.6±20%
0.1V/100K
220
0,83
0,85
J
P7618-3012-4R7M
4.7±20%
0.1V/100K
190
0,95
0,95
10
M
M
5,6
22
M
ETALDOC 1004/1
2 of 4
2012-04-04



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com