Electronic Components Datasheet Search
  English  ▼

X  

P7618 Datasheet(PDF) 3 Page - ETAL Group

Part # P7618
Description  The P7618 family comprises of medium current, non- shielded power inductors in low profile size (1.0mm max. to 2.0mm max.).
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7618 Datasheet(HTML) 3 Page - ETAL Group

  P7618 Datasheet HTML 1Page - ETAL Group P7618 Datasheet HTML 2Page - ETAL Group P7618 Datasheet HTML 3Page - ETAL Group P7618 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT DATA SHEET
P7618
SPECIFICATIONS
3020 size
Tolerance code: □ :
M=±20%
N=±30%
Notes
1. IDC1: Based on inductance change ( T/Lo:≤30%) @ ambient temp. 25ºC
2. IDC2: Based on temprature rise ( : 40ºC Typ.)
3. Rated Current: IDI or IDC2, whichever is lower
4. Storage temp.: -40ºC to +105ºC
5. Operating Temp.: -40ºC to +105ºC (include selr temp. rise)
6. Resistance to solder heat: 260ºC 10 secs
7. Powder coating type
8. For non-standard inductance values, please contact ETAL Group AB.
2240
0,28
0,20
W
0,62
0,36
S
47
M
0.1V/100K
1710
0,50
0,25
U
0,90
0,57
O
22
M
0.1V/100K
890
0,74
0,40
Q
1,20
0,79
L
10
M
0.1V/100K
360
1,10
0,73
M
1,05
I
6,8
M
0.1V/100K
260
1,30
0,88
K
M
0.1V/100K
170
1,60
3,3
N
0.1V/100K
130
A
1,5
N
0.1V/100K
72
2,90
1,55
C
0.1V/100K
51
3,60
1,75
Marking
(Hz)
±20%
(A)
(A)
Test Frequency
RDC (m )
IDC1
IDC2
P7618-3020-680□
68
M
0.1V/100K
P7618-3020-470□
0.1V/100K
1110
P7618-3020-220□
P7618-3020-100□
P7618-3020-330□
33
M
P7618-3020-150□
15
M
0.1V/100K
570
320
P7618-3020-6R8□
4,7
P7618-3020-8R2□
8,2
M
0.1V/100K
1,40
1,90
E
1,20
G
0.1V/100K
89
P7618-3020-1R5□
1,0
P7618-3020-4R7□
P7618-3020-3R3□
2,50
N
Tolerance
N
2,2
Part No
P7618-3020-1R0□
P7618-3020-2R2□
Inductance (µH)
ELECTRICAL
8. For non-standard inductance values, please contact ETAL Group AB.
Recommended PCB Pattern
F
G
Size
A
B
C
1.5 Typ. 0.76 Typ. 1.2 Typ.
0.7 Typ.
D
E
3.0±0.2
2.9±0.2
1.2 Max.
3010
3.0±0.2
2.9±0.2
1.0 Max.
1.2 Typ.
1.5 Typ. 0.76 Typ. 1.2 Typ.
3012
3015
3.0±0.2
2.9±0.2
1.5 Max. 1.5 Typ. 0.76 Typ.
2.0 Max.
0.7 Typ.
0.7 Typ.
1.5 Typ. 0.76 Typ. 1.2 Typ.
0.7 Typ.
3020
3.0±0.2
2.9±0.2
CONSTRUCTION
Unit: mm
ETALDOC 1004/1
3 of 4
2012-04-04



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com