Electronic Components Datasheet Search
  English  ▼

X  

P7618 Datasheet(PDF) 1 Page - ETAL Group

Part # P7618
Description  The P7618 family comprises of medium current, non- shielded power inductors in low profile size (1.0mm max. to 2.0mm max.).
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7618 Datasheet(HTML) 1 Page - ETAL Group

  P7618 Datasheet HTML 1Page - ETAL Group P7618 Datasheet HTML 2Page - ETAL Group P7618 Datasheet HTML 3Page - ETAL Group P7618 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT DATA SHEET
SMD POWER INDUCTOR
P7618 Family
Features
Applications
•
Lead free (Pb-free)
•
DC-DC Converters
•
RoHS compliant
•
Notebook and handheld equipment
•
Resistance to solder heat: 260ºC , 10 sec
•
LCD TV sets
•
Surface Mount
•
Consumenr products
•
Low profile
•
Flat top for pick & place
•
Powder coating type
•
Non-shielded
The P7618 family comprises of medium current, non-
The P7618 family is compliant with RoHS Directive
shielded power inductors in low profile size (1.0mm
2002/95/EC and suitable for lead-free and conventional
max. to 2.0mm max.).
placement and reflow.
The range covers inductance values from 1µH to 68µH,
and provides compact solutions for medium power
applications.
DESCRIPTION
ETALDOC 1004/1
1 of 4
2012-04-04


Similar Part No. - P7618

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P761 ETC2-P761 Datasheet
120Kb / 1P
SMP MALE HERMETIC SEAL THREAD-IN PANEL MOUNT TO STRAIGHT TERMINATION
logo
ETAL Group
P7610 ETAL-P7610 Datasheet
101Kb / 3P
ULTRA LOW PROFILE POWER INDUCTOR
P7610-1704-100M ETAL-P7610-1704-100M Datasheet
101Kb / 3P
ULTRA LOW PROFILE POWER INDUCTOR
P7610-1704-100MT ETAL-P7610-1704-100MT Datasheet
101Kb / 3P
ULTRA LOW PROFILE POWER INDUCTOR
P7610-1704-101M ETAL-P7610-1704-101M Datasheet
101Kb / 3P
ULTRA LOW PROFILE POWER INDUCTOR
More results

Similar Description - P7618

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7616 ETAL-P7616 Datasheet
352Kb / 4P
The P7616 family comprises of medium current, shielded power inductors in low profile size (2.0mm max.).
P7617 ETAL-P7617 Datasheet
351Kb / 4P
The P7617 family comprises of medium current, non-shielded power inductors in low profile size (2.0mm max).
P7619 ETAL-P7619 Datasheet
350Kb / 4P
The P7619 family comprises of medium current, non-shielded power inductors in low profile size (1.1mm typical).
P7620 ETAL-P7620 Datasheet
308Kb / 4P
The P7620 family comprises of medium current, self-shielded power inductors in low profile size.
P7621 ETAL-P7621 Datasheet
367Kb / 4P
The P7621 family comprises of medium current, self/shielded power inductors in low profile size.
P7622 ETAL-P7622 Datasheet
573Kb / 7P
The P7622 family comprises of medium current, shielded power choke coil in low profile size.
P7623 ETAL-P7623 Datasheet
961Kb / 13P
The P7623 family comprises of medium current, shielded power choke coil in low profile size.
P7624 ETAL-P7624 Datasheet
1Mb / 17P
The P7624 family comprises of medium to high current shielded power choke coil in low profile size.
P7625 ETAL-P7625 Datasheet
1Mb / 6P
The P7625 family comprises of medium to high current shielded power choke coil in low profile size.
logo
Murata Manufacturing Co...
LQH3NPN1R0NG0L MURATA-LQH3NPN1R0NG0L Datasheet
314Kb / 11P
1212 size (3.0x3.0mm) Height 1.0mm max.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com