Electronic Components Datasheet Search
  English  ▼

X  

P7624 Datasheet(PDF) 2 Page - ETAL Group

Part # P7624
Description  The P7624 family comprises of medium to high current shielded power choke coil in low profile size.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7624 Datasheet(HTML) 2 Page - ETAL Group

  P7624 Datasheet HTML 1Page - ETAL Group P7624 Datasheet HTML 2Page - ETAL Group P7624 Datasheet HTML 3Page - ETAL Group P7624 Datasheet HTML 4Page - ETAL Group P7624 Datasheet HTML 5Page - ETAL Group P7624 Datasheet HTML 6Page - ETAL Group P7624 Datasheet HTML 7Page - ETAL Group P7624 Datasheet HTML 8Page - ETAL Group P7624 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PRODUCT DATA SHEET
P7624
SPECIFICATIONS
0602 size
0603 size
0605 size
Tolerance code
:
□ : M=±20%
Y=±30%
ELECTRICAL
DCR
( mΩ ) Typ. @
25°C
DCR
( mΩ ) Max. @
25°C
2,5
3,0
4,5
5,0
7,1
8,3
8,3
10
16,5
18
23
27
32
37
43
48
53
60
59
68
63
73
101
116
134
154
3,2
5,0
P7624-0602-6R8M
6.80 ±20%
4,0
5,5
P7624-0602-8R2M
8.20 ±20%
P7624-0602-4R7M
4.70 ±20%
4,5
7,0
P7624-0602-5R6M
5.60 ±20%
4,0
6,0
P7624-0602-2R2M
2.20 ±20%
6,0
10
P7624-0602-3R3M
3.30 ±20%
5,0
8,0
P7624-0602-1R0M
1.00 ±20%
8,0
14
P7624-0602-1R5M
1.50 ±20%
7,0
12
P7624-0602-R20Y
0.20 ±30%
18
35
P7624-0602-R33M
0.33 ±20%
10,5
16
P7624-0602-R47M
0.47 ±20%
P7624-0602-R68M
0.68 ±20%
Part No.
Inductance L 0
( µH )
@ 0 A
Irms ( A ) Typ.
Isat ( A ) Typ.
P7624-0602-100MF
10.0 ±20%
2,8
4,0
11,7
20
14
25
DCR
( mΩ ) Typ. @
25°C
DCR
( mΩ ) Max. @
25°C
2,1
2,8
3,5
3,9
4,0
4,2
4,8
5,5
8,3
10
13
15
14
17
18
20
28
30
37
40
43
48
54
60
64
68
75
85
165
190
P7624-0603-1R5M
1,50
9,0
18,0
P7624-0603-2R2M
2,20
8,0
14,0
P7624-0603-1R8M
1,80
8,5
16,0
P7624-0603-3R3M
3,30
6,0
13,5
5,5
10,0
4,70
Part No.
Inductance L 0
( µH )
±20% @ 0 A
Irms ( A ) Typ.
Isat ( A ) Typ.
P7624-0603-5R6M
10,0
P7624-0603-4R7M
P7624-0603-R68M
P7624-0603-R47M
P7624-0603-1R0M
1,00
11,0
22,0
0,68
15,5
0,47
0,33
20,0
32,0
P7624-0603-R33M
0,22
23,0
40,0
P7624-0603-R22M
17,5
26,0
25,0
5,60
5,0
9,0
6,80
4,5
8,0
3,5
6,0
22,0
4,0
7,5
2,0
3,5
P7624-0603-6R8M
P7624-0603-8R2M
P7624-0603-100M
P7624-0603-220M
8,20
DCR
( mΩ ) Typ. @
25°C
DCR
( mΩ ) Max. @
25°C
3,5
3,9
3,6
4,2
4,0
4,5
6,1
6,5
6,7
7,5
8,6
9,0
11,2
12,0
19
20,9
28
30,8
43,5
49
46
51,5
56
63
60
69
P7624-0605-R47M
0,47
22
30
Part No.
Inductance L 0
( µH )
±20% @ 0 A
Irms ( A ) Typ.
Isat ( A ) Typ.
P7624-0605-R68M
0,68
18
24
P7624-0605-R56M
0,56
20
27
20
P7624-0605-1R2M
1,20
14
18
2,20
10
P7624-0605-1R0M
1,00
15
P7624-0605-1R5M
1,50
12
16,5
14
9,0
P7624-0605-4R7M
4,70
6,5
10
3,30
8
12
P7624-0605-2R2M
8,5
5,0
8,0
6,80
5,5
4,0
P7624-0605-8R2M
8,20
P7624-0605-5R6M
5,60
6,0
P7624-0605-6R8M
P7624-0605-100M
10,0
P7624-0605-3R3M
7,5
ETALDOC 1010/1
2 of 17
2/28/2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com