Electronic Components Datasheet Search
  English  ▼

X  

P7624 Datasheet(PDF) 3 Page - ETAL Group

Part # P7624
Description  The P7624 family comprises of medium to high current shielded power choke coil in low profile size.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7624 Datasheet(HTML) 3 Page - ETAL Group

  P7624 Datasheet HTML 1Page - ETAL Group P7624 Datasheet HTML 2Page - ETAL Group P7624 Datasheet HTML 3Page - ETAL Group P7624 Datasheet HTML 4Page - ETAL Group P7624 Datasheet HTML 5Page - ETAL Group P7624 Datasheet HTML 6Page - ETAL Group P7624 Datasheet HTML 7Page - ETAL Group P7624 Datasheet HTML 8Page - ETAL Group P7624 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PRODUCT DATA SHEET
P7624
SPECIFICATIONS
0612 size
0615 size
0618 size
Tolerance code
:
□ : M=±20%
Y=±30%
ELECTRICAL
DCR
( mΩ ) Typ. @
25°C
DCR
( mΩ ) Max. @
25°C
9,0
10
13
17
17
19
27
30
35
40
53
61
90
103
130
150
172
198
280
290
Part No.
Inductance L 0
( µH )
±20% @ 0 A
Irms ( A ) Typ.
Isat ( A ) Typ.
P7624-0612-R47M
0,47
8,5
12
P7624-0612-R33M
0,33
9,5
16
P7624-0612-1R0M
1,00
6
7
P7624-0612-R68M
0,68
7
9
P7624-0612-2R2M
2,20
4,0
5,0
P7624-0612-1R5M
1,50
4,5
6,5
3,30
3,2
4,5
P7624-0612-4R7M
4,70
P7624-0612-100M
10,0
1,8
2,5
2,5
3,8
P7624-0612-3R3M
P7624-0612-6R8M
6,80
2,1
3,0
DCR
( mΩ ) Typ. @
25°C
DCR
( mΩ ) Max. @
25°C
4,3
5,2
6,6
7,6
9,0
10,3
13,8
15,2
23
25,8
37
42,5
48
55
62
74
96
111
115
138
128
148
153
184
180
216
Part No.
Inductance L 0
( µH )
@ 0 A
Irms ( A ) Typ.
Isat ( A ) Typ.
P7624-0615-R33M
0.33 ±20%
11
18
P7624-0615-R22Y
0.22 ±30%
14
22
P7624-0615-R68M
0.68 ±20%
7,5
15
P7624-0615-R47M
0.47 ±20%
9,5
16
P7624-0615-1R5M
1.50 ±20%
5,0
9,5
P7624-0615-1R0M
1.00 ±20%
6,5
12
P7624-0615-2R2M
2.20 ±20%
4,5
6,5
P7624-0615-6R8M
P7624-0615-4R7M
4.70 ±20%
6.80 ±20%
2,6
3,8
3.30 ±20%
4,2
6,0
5,0
3,5
P7624-0615-8R2M
8.20 ±20%
2,4
3,2
2,3
P7624-0615-5R6M
5.60 ±20%
3,0
4,5
P7624-0615-3R3M
P7624-0615-100M
10.0 ±20%
2,8
DCR
( mΩ ) Typ. @
25°C
DCR
( mΩ ) Max. @
25°C
4,8
5,8
6,4
7,4
9,5
11,0
14,5
17,0
21
25,2
31
35
40
46
68
76
78
86
93
104
123
140
143
160
Irms ( A ) Typ.
Isat ( A ) Typ.
Part No.
Inductance L 0
( µH )
±20% @ 0 A
P7624-0618-R47M
0,47
12
18
P7624-0618-R33M
0,33
14
22
P7624-0618-1R0M
1,00
7,0
14
P7624-0618-R68M
0,68
10
17
P7624-0618-2R2M
2,20
6,0
11
P7624-0618-1R5M
1,50
6,0
13
P7624-0618-4R7M
4,70
4,0
7,0
P7624-0618-3R3M
3,30
5,0
9,0
P7624-0618-6R8M
6,80
3,0
5,5
P7624-0618-5R6M
5,60
3,5
6,0
P7624-0618-8R2M
8,20
2,6
4,5
P7624-0618-100M
10,0
2,3
3,5
ETALDOC 1010/1
3 of 17
2/28/2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com