Electronic Components Datasheet Search
  English  ▼

X  

P7624 Datasheet(PDF) 4 Page - ETAL Group

Part # P7624
Description  The P7624 family comprises of medium to high current shielded power choke coil in low profile size.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7624 Datasheet(HTML) 4 Page - ETAL Group

  P7624 Datasheet HTML 1Page - ETAL Group P7624 Datasheet HTML 2Page - ETAL Group P7624 Datasheet HTML 3Page - ETAL Group P7624 Datasheet HTML 4Page - ETAL Group P7624 Datasheet HTML 5Page - ETAL Group P7624 Datasheet HTML 6Page - ETAL Group P7624 Datasheet HTML 7Page - ETAL Group P7624 Datasheet HTML 8Page - ETAL Group P7624 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
PRODUCT DATA SHEET
P7624
SPECIFICATIONS
0624 size
Tolerance code
:
□ : M=±20%
Y=±30%
Notes
a) Test Freq. : L : 100KHz/1V
b) Ambient Temp. : 25°C
c) Operating Temp. : -40°C to +125°C
d) Storage Temp. : -40°C to +125°C
e) Humidity Range : 50 ~ 60% RH (Product without taping)
f) Heat Rated Current (Irms) : Will cause the coil temp. rise approximately Δt of 40°C (keep 1min.)
g) Saturation Current (Isat) : Will cause L0 to drop 20% typical (keep quickly)
h) Part Temperature (Ambient+Temp. Rise) : Should not exceed 125°C under worst case operating conditions.
ELECTRICAL
Characteristic Curves
P7624-0602-RR20Y
P7624-0602-R33M
DCR
( mΩ ) Typ. @
25°C
DCR
( mΩ ) Max. @
25°C
3,6
4,4
4,8
5,1
5,5
6,5
6,4
7,2
8,0
9,5
10,5
13,5
17
20
23
28
34
39
41
50
56
62
65
72
92
101
P7624-0624-R56M
0,56
13
24
P7624-0624-R82M
0,82
11
18
P7624-0624-R68M
0,68
13
21
P7624-0624-R47M
0,47
15
26
Part No.
Inductance L 0
( µH )
±20% @ 0 A
Irms ( A ) Typ.
P7624-0624-R33M
0,33
18
30
Isat ( A ) Typ.
16
P7624-0624-1R5M
1,50
9
15
P7624-0624-1R0M
1,00
11
P7624-0624-3R3M
3,30
6
10
P7624-0624-2R2M
2,20
7
14
P7624-0624-5R6M
5,60
5
8
P7624-0624-4R7M
4,70
5,5
9
P7624-0624-6R8M
6,80
4
7
P7624-0624-100M
10,0
3,2
5
ETALDOC 1010/1
4 of 17
2/28/2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com