Electronic Components Datasheet Search
  English  ▼

X  

AD6458 Datasheet(PDF) 5 Page - Analog Devices

Part # AD6458
Description  GSM 3 V Receiver IF Subsystem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6458 Datasheet(HTML) 5 Page - Analog Devices

  AD6458 Datasheet HTML 1Page - Analog Devices AD6458 Datasheet HTML 2Page - Analog Devices AD6458 Datasheet HTML 3Page - Analog Devices AD6458 Datasheet HTML 4Page - Analog Devices AD6458 Datasheet HTML 5Page - Analog Devices AD6458 Datasheet HTML 6Page - Analog Devices AD6458 Datasheet HTML 7Page - Analog Devices AD6458 Datasheet HTML 8Page - Analog Devices AD6458 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD6458
–5–
REV. 0
HP8657B
SYNTHESIZER
RF OUT
MOD I/O
10MHz OUT
10MHz IN
SYNC
IEEE
AD6458
MOTHER BOARD
PRUP
VPOS
VIN
VP
FREF
LOIP
RFIP
GREF
MXOP
IFIN
IOUT
QOUT
GAIN
HP6237
+5V
–5V
COM
+15V
HP34401
HI
LO
I HI
DMM
IEEE
HP663X
POWER
SUPPLY
IEEE
HI
LO
HP8657B
SYNTHESIZER
RF OUT
MOD I/O
10MHz OUT
10MHz IN
SYNC
IEEE
DP8200
DC SOURCE
HI F
HI S
LO F
LO S
GND
IEEE
DP8200
DC SOURCE
IEEE
HI F
HI S
LO F
LO S
GND
CAL OUT
RF I/P
IEEE
28 VOLT
SWEEP OUT
HP8593E
ANALYSER
SPECTRUM
HP8657B
SYNTHESIZER
RF OUT
MOD I/O
10MHz OUT
10MHz IN
SYNC
IEEE
Figure 3. Mixer Characterization Setup
C9
10nF
PRUP
C5
0.1µF
10
9
8
1
2
3
4
7
6
5
14
13
12
11
17
16
15
20
19
18
AD6458
FREF
IRXP
VSP2
FLTR
VSP1
COM1
PRUP
LOIP
QRXN
QRXP
IRXN
RFLO
RFHI
COM2
GREF
MXOP
IFIP
IFIM
GAIN
VPOS
C1
0.1µF
C10 1nF
R8 1k
Ω
C11
0.1µF
FREF
R2
50
Ω
LOIP
RFHI
GREF
R1
50
Ω
C12
220pF
C2
1nF
C4 1nF
C7
1nF
VPOS
IRXP
QRXN
QRXP
IRXN
GAIN
R5
330
Ω
C13
10nF
BPF2
Figure 4. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com