Electronic Components Datasheet Search
  English  ▼

X  

AD6458 Datasheet(PDF) 10 Page - Analog Devices

Part # AD6458
Description  GSM 3 V Receiver IF Subsystem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6458 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6458 Datasheet HTML 4Page - Analog Devices AD6458 Datasheet HTML 5Page - Analog Devices AD6458 Datasheet HTML 6Page - Analog Devices AD6458 Datasheet HTML 7Page - Analog Devices AD6458 Datasheet HTML 8Page - Analog Devices AD6458 Datasheet HTML 9Page - Analog Devices AD6458 Datasheet HTML 10Page - Analog Devices AD6458 Datasheet HTML 11Page - Analog Devices AD6458 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD6458
–10–
REV. 0
PRODUCT OVERVIEW
The AD6458 provides most of the active circuitry required to
realize a complete low power, single-conversion superhetero-
dyne receiver, or the latter part of a double-conversion receiver,
at input frequencies up to 400 MHz, with an IF from 5 MHz to
50 MHz. The internal I/Q demodulators, and their associated
phase-locked loop, support a wide variety of modulation modes,
including n-PSK, n-QAM, and GMSK. A single positive supply
voltage of 3.3 V is required (3.0 V minimum, 3.6 V maximum)
at a typical supply current of 9 mA at midgain. In the following
discussion, VPOS will be used to denote the power supply volt-
age, which will be assumed to be 3.3 V.
Figure 31 shows the main sections of the AD6458. It consists of
a variable-gain UHF mixer and linear two-stage IF strip, which
together provide a calibrated voltage-controlled gain range of
more than 76 dB, followed by dual quadrature demodulators.
These are driven by inphase and quadrature clocks generated by
a Phase-Locked Loop (PLL), which is locked to a corrected
external reference. A CMOS-compatible power-down interface
completes the AD6458.
VGAIN – Volts
2.0
1.9
1.0
0
2.5
0.5
1.0
1.5
2.0
1.6
1.3
1.2
1.1
1.8
1.7
1.4
1.5
TA = –40°C
TA = –25°C
TA = +25°C
TA = +85°C
Figure 29. Minimum Power-Up Voltage vs VGAIN, VPOS =
3.0 V, VREF = 1.2 V
Mixer
The UHF mixer is an improved Gilbert-cell design, and can
operate from low frequencies (it is internally dc-coupled) up to
an RF input of 400 MHz. The dynamic range at the input of the
mixer is determined at the upper end by the maximum input
signal level of
±56 mV (–15 dBm in 50 Ω between RFHI and
RFLO) up to which the mixer remains linear and, at the lower
end, by the noise level. It is customary to define the linearity of
a mixer in terms of the 1 dB gain-compression point and third-
order intercept, which for the AD6458 are –12 dBm and
–2 dBm, respectively, in a 50
Ω system.
The mixer’s RF input port is differential; that is, pin RFLO is
functionally identical to RFHI, and these nodes are internally
biased. The RF port can be modeled as a parallel RC circuit as
shown in Figure 30.
RFHI
RFLO
CSH
RSH
Figure 30. Mixer Port Modeled as a Parallel RC Network
The local oscillator (LO) input is internally biased at VP – 0.8 V
and must be ac coupled. The LO interface includes a preampli-
fier which minimizes the drive requirements, thus simplifying
the oscillator design and reducing LO leakage from the RF port.
The LO requires a single-sided drive of
±50 mV, or –16 dBm in
a 50
Ω system. For operation above 300 MHz noise figure can
be improved by increasing the LO level.
The output of the mixer is single ended with a 330
Ω impedance
for driving ceramic filters.
The conversion gain is measured between the mixer input and
the input of this filter, and varies between –9 dB and +10 dB as
a function of the voltage at Pin GAIN.
The maximum permissible signal level at Pin MXOP is deter-
mined by the maximum gain control voltage.
The mixer output port is shown in Figure 32.
VPS1
RFHI
AD6458
MXOP
IFIP
IFIM
0
°
90
°
4.7k
Ω
4.7k
Ω
4.7k
Ω
4.7k
Ω
AGC VOLTAGE
BIAS
CIRCUIT
VPS2
PRUP
RFLO
LOIP
IRXP
IRXN
FREF
FLTR
QRXP
QRXN
GAIN
GREF
19
20
13
14
15
16
18
6
7
8
1
2
3
4
5
COM1
COM2
9
12
RF INPUT
–95dBm TO
–15dBm
330
Ω
0.1µF
LO INPUT
–16dBm
17
11
GAIN TC
COMPENSATION
PLL
13MHz
CERAMIC
BANDPASS
FILTER
Figure 31. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com