Electronic Components Datasheet Search
  English  ▼

X  

AD6458 Datasheet(PDF) 9 Page - Analog Devices

Part # AD6458
Description  GSM 3 V Receiver IF Subsystem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6458 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6458 Datasheet HTML 4Page - Analog Devices AD6458 Datasheet HTML 5Page - Analog Devices AD6458 Datasheet HTML 6Page - Analog Devices AD6458 Datasheet HTML 7Page - Analog Devices AD6458 Datasheet HTML 8Page - Analog Devices AD6458 Datasheet HTML 9Page - Analog Devices AD6458 Datasheet HTML 10Page - Analog Devices AD6458 Datasheet HTML 11Page - Analog Devices AD6458 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD6458
–9–
REV. 0
VARIATION – mV
100
30
0
–4.9
–3.9
–2.9
–1.9
–0.9
0.1
1.1
2.1
3.1
4.1
90
40
20
10
70
50
80
60
= 0.03mV
= 0.4mV
Figure 23. Demodulation Output Offset Voltage Variation
Histogram with Variation Referred to Offset at VGAIN = 1.2 V
and TA = +25°C, VGAIN = 2.25 V and TA = +25°C
VARIATION – mV
80
30
0
–2.9
3.1
–2.4 –1.9 –1.4 –0.9 –0.4
0.1
0.6
1.1
1.6
2.1
2.6
70
40
20
10
60
50
= 0.1mV
= 0.6mV
Figure 24. Demodulation Output Offset Voltage Variation
Histogram with Variation Referred to Offset at VGAIN = 1.2 V
and TA = +25°C, VGAIN = 0.5 V and TA = +25°C C
VARIATION – mV
50
15
0
–4.9
5.1
–3.9
–2.9
1.1
–1.9
–0.9
0.1
2.1
3.1
4.1
45
20
10
5
35
25
40
30
= 0.04mV
= 1.1mV
VARIATION – mV
50
15
0
–4.9
5.1
–3.9
–2.9
1.1
–1.9
–0.9
0.1
2.1
3.1
4.1
45
20
10
5
35
25
40
30
= 0.04mV
= 1.1mV
Figure 25. Demodulation Output Offset Voltage Variation
Histogram with Variation Referred to Offset at VGAIN =
1.2 V and TA = +25°C, VGAIN = 0.2 V and TA = +25°C
OFFSET DRIFT – mV
16
8
0
–10
10
–8
–6
–4
–2
0
2
4
6
8
14
12
4
2
10
6
= 0.9mV
= 3.4mV
Figure 26. Demodulation Output Offset Voltage Variation
Histogram with Variation Referred to Offset at VGAIN =
1.2 V and TA = +25°C, VGAIN = 0.2 V and TA = –25°C
OFFSET DRIFT – mV
30
15
0
–10
10
–8
–6
–4
–2
02468
25
20
10
5
= –0.04mV
= 3.6mV
Figure 27. Demodulation Output Offset Voltage Variation
Histogram with Variation Referred to Offset at VGAIN =
1.2 V and TA = +25°C, VGAIN = 0.2 V and TA = +85°C
VGAIN – Volts
18
16
6
0
2.5
0.5
1.0
1.5
2.0
14
12
10
8
VPOS = 3.0V, TA = +85°C
VPOS = 3.6V, TA = +85°C
VPOS = 3.6V, TA = +25°C
VPOS = 3.6V, TA = –40°C
Figure 28. Power Supply Current vs. Gain Control Volt-
age, VREF = 1.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com