Electronic Components Datasheet Search
  English  ▼

X  

AD6620 Datasheet(PDF) 18 Page - Analog Devices

Part # AD6620
Description  65 MSPS Digital Receive Signal Processor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6620 Datasheet HTML 14Page - Analog Devices AD6620 Datasheet HTML 15Page - Analog Devices AD6620 Datasheet HTML 16Page - Analog Devices AD6620 Datasheet HTML 17Page - Analog Devices AD6620 Datasheet HTML 18Page - Analog Devices AD6620 Datasheet HTML 19Page - Analog Devices AD6620 Datasheet HTML 20Page - Analog Devices AD6620 Datasheet HTML 21Page - Analog Devices AD6620 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
AD6620
–18–
REV. 0
CLK
LOGIC "1"
SOFT RESET
CLR
Q
Q
D
ENB
Q
D
IN[15:0]
EXP[2:0]
Q
D
A/B
CLK
REGISTER
Q
D
Q
D
REGISTER
CLK
MULTIPLEXER
D
S1
S2
C
CLR
Q
D
SET
Q
DUAL CHANNEL REAL
SINGLE CHANNEL COMPLEX
INT IN[15:0]
INT EXP[2:0]
INT DATA STROBE
CLR
DELAY 7
ENB
Figure 32. Simplified Input Data Port Schematic for the AD6620
Simplified Input Data Port Schematic
Figure 32 details a simplified schematic for the input data port.
The first thing to note is that IN[15:0], EXP[2:0] and A/B are
all synchronously latched with CLK. Note also that upon soft
reset, a seven pipeline delay (sample clock delay) exists in the
data path. This delay is synchronous with CLK, but is in fact
seven valid sample data delays. For instance, in single channel
real mode with full rate timing the delay is seven CLKs. If in-
stead the data rate is one-fourth CLK, then 28 CLKs (i.e.,
seven sample data delays, gated via A/B) occur before valid data
is passed to the NCO stage.
Interfacing AD6620 Inputs to +5 V Logic Gates
None of the inputs to the AD6620 are tolerant of +5 V logic
signals. When interfacing 5 V devices to this product, an interface
gate such as the 74LCX2244 is recommended. If latching must
be performed, 74LCX574 latches may be used. This gate runs
from the +3.3 V supply and is tolerant of +5 V inputs.
OUTPUT DATA PORT
Parallel Output Data Port
The AD6620 provides a choice of two output ports: a 16-bit
parallel port and a synchronous serial port. Output operation
using the serial port is discussed in the next section. The parallel
port is limited to 16 bits. Because pins are shared between the
parallel and serial output ports, only one output mode can be
used. The output mode must be set with a hard reset generated
by at least a 30 ns low time on the
RESET pin. If the PAR/SER
line is high (Logic “1”), then parallel output data is activated.
The PAR/SER pin should remain static after the output mode
has been set (i.e., PAR/SER should only change when
RESET is
low). Data out of the AD6620 is twos complement.
A scale factor is associated with the output port, which allows
the signal level to be adjusted. This scale factor is mapped to
location 309h, Bits 2–0 in the AD6620 internal address space.
This scalar controls the weight of the 16-bit data going to the
parallel port. The scale factor is discussed in the RAM Coeffi-
cient Filter (RCF) section.
The Parallel Mode provides a 16-bit output port, which consti-
tutes the I and Q data for either one or both channels. This port
can run at a maximum of 65 MHz (32.5 MHz I, 32.5 MHz Q).
This rate assumes that there is a minimum decimation of 2 in
the first filter stage (CIC2) or a 2
× or greater CLK is used. This
decimation is required because for every input word there is
both an I and a Q output. When the data rate and clock rate are
the same (Full Rate Input Timing), the minimum decimation of
2 must occur in CIC2. Refer to CIC2 for more detail.
DVOUT
DVOUT is provided to signal that valid data is present. If this
pin is high, there is a valid data word on the bus. DVOUT re-
mains high for two speed clock cycles in Single Channel Real
and Single Channel Complex Mode and for four clock cycles in
Diversity Channel Real mode. After DVOUT returns low the Q
data will remain until the next data sample.
I/QOUT
When this pin is high the data word represents I data; when
I/QOUT is low Q data is present. This signal will also be low
when DVOUT is low since the last word of every data phase is Q
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com