Electronic Components Datasheet Search
  English  ▼

X  

AD6620 Datasheet(PDF) 22 Page - Analog Devices

Part # AD6620
Description  65 MSPS Digital Receive Signal Processor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD6620 Datasheet HTML 18Page - Analog Devices AD6620 Datasheet HTML 19Page - Analog Devices AD6620 Datasheet HTML 20Page - Analog Devices AD6620 Datasheet HTML 21Page - Analog Devices AD6620 Datasheet HTML 22Page - Analog Devices AD6620 Datasheet HTML 23Page - Analog Devices AD6620 Datasheet HTML 24Page - Analog Devices AD6620 Datasheet HTML 25Page - Analog Devices AD6620 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
AD6620
–22–
REV. 0
The gain and pass band droop of the CIC2 should be calculated
by the equations above, as well as the filter transfer equations
that follow. If these are unacceptable, they can be compensated
for in subsequent stages.
CIC2 Rejection
The table below illustrates the amount of bandwidth in percent
of the data rate into the CIC2 stage. The data in this table may
be scaled to any other allowable sample rate up to 65 MHz in
Single Channel Mode or 32.5 MHz in Diversity Channel Mode.
The table can be used as a tool to decide how to distribute the
decimation between CIC2, CIC5 and the RCF.
Table III. SSB CIC2 Alias Rejection Table (fSAMP = 1)
Bandwidth Shown in Percentage of fSAMP
MCIC2
–50 dB –60 dB
–70 dB
–80 dB –90 dB
–100 dB
2
1.79
1.007
0.566
0.318
0.179
0.101
3
1.508
0.858
0.486
0.274
0.155
0.087
4
1.217
0.696
0.395
0.223
0.126
0.071
5
1.006
0.577
0.328
0.186
0.105
0.059
6
0.853
0.49
0.279
0.158
0.089
0.05
7
0.739
0.425
0.242
0.137
0.077
0.044
8
0.651
0.374
0.213
0.121
0.068
0.038
9
0.581
0.334
0.19
0.108
0.061
0.034
10
0.525
0.302
0.172
0.097
0.055
0.031
11
0.478
0.275
0.157
0.089
0.05
0.028
12
0.439
0.253
0.144
0.082
0.046
0.026
13
0.406
0.234
0.133
0.075
0.043
0.024
14
0.378
0.217
0.124
0.07
0.04
0.022
15
0.353
0.203
0.116
0.066
0.037
0.021
16
0.331
0.19
0.109
0.061
0.035
0.02
Example Calculations
Goal: Implement a filter with an Input Sample Rate of 10 MHz
requiring 100 dB of Alias Rejection for a
±7 kHz pass band.
Solution: First determine the percentage of the sample rate that
is represented by the pass band.
BW
kHz
MHz
FRACTION =×
=
100
7
10
007
.%
The decimation ratio, MCIC2, is an unsigned integer that may
be between 1 and 16. This stage may be bypassed under certain
conditions by setting, MCIC2 equal to 1. For this to happen the
processing clock rate, fCLK must be two or more times the input
data rate, fSAMP. This is because the I and Q data is processed
in parallel within the CIC2 filter, and the I and Q output data is
then multiplexed through the same data pipe before it enters the
CIC5 filter.
The frequency response of the CIC2 filter is given by the follow-
ing equations.
Hz
z
z
S
M
CIC
CIC
()
–
–
–
–
=×


+
1
2
1
1
2
2
21
2
Hf
Mf
f
f
f
S
CIC
SAMP
SAMP
CIC
()
sin
sin
=×
×




+
1
2
2
2
2
2
π
π
The scale factor, SCIC2 is a programmable unsigned integer
between 0 and 6. This serves as an attenuator that can reduce
the gain of the CIC2 in 6 dB increments. For the best dynamic
range, SCIC2 should be set to the smallest value possible (i.e.,
lowest attenuation) without creating an overflow condition.
This can be safely accomplished using the equation below,
where input_level is the largest fraction of full scale possible at
the input to this AD6620 (normally 1). The CIC2 scale factor is
not ignored when the CIC2 is bypassed.
S
ceil
M
input level
OL
M
input level
CIC
CIC
CIC
CIC
SCIC
22
2
2
2
2
2
2
2
2
2
=×
=
×
+
log (
_
) –
_
REGISTER
REGISTER
1
MASKED
COUNT = 0?
SYNC
MASK
SYNC_NCO
PIN
1
1
32
32
32
32
REGISTER
X4
1
0
32
32
32
32
PHASE
ACCUMULATOR
32
PHASE
OFFSET
PHASE
DITHER
NCO FREQ
AMPLITUDE
DITHER
COS
SIN
Figure 40. NCO Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com