Electronic Components Datasheet Search
  English  ▼

X  

AD6620 Datasheet(PDF) 24 Page - Analog Devices

Part # AD6620
Description  65 MSPS Digital Receive Signal Processor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD6620 Datasheet HTML 20Page - Analog Devices AD6620 Datasheet HTML 21Page - Analog Devices AD6620 Datasheet HTML 22Page - Analog Devices AD6620 Datasheet HTML 23Page - Analog Devices AD6620 Datasheet HTML 24Page - Analog Devices AD6620 Datasheet HTML 25Page - Analog Devices AD6620 Datasheet HTML 26Page - Analog Devices AD6620 Datasheet HTML 27Page - Analog Devices AD6620 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
AD6620
–24–
REV. 0
The frequency response of the filter is given by the following
equations. The gain and pass band droop of CIC5 should be
calculated by these equations. Both parameters may be com-
pensated for in the RCF stage.
Hz
z
z
S
M
CIC
CIC
()
–
–
–
–
=×


+
1
2
1
1
5
5
51
5
Hf
Mf
f
f
f
S
CIC
SAMP
SAMP
CIC
()
sin
sin
=×
×




+
1
2
5
5
5
2
2
5
π
π
The scale factor, SCIC5 is a programmable unsigned integer
between 0 and 20. It serves to control the attenuation of the
data into the CIC5 stage in 6 dB increments. For the best dy-
namic range, SCIC5 should be set to the smallest value possible
(lowest attenuation) without creating an overflow condition.
This can be safely accomplished using the equation below,
where OLCIC2 is the largest fraction of full scale possible at the
input to this filter stage. This value is output from the CIC2
stage then pipe-lined into the CIC5. SCIC5 is ignored when this
filter is bypassed by setting MCIC5 = 1.
S
ceil
M
OL
OL
M
OL
CIC
CIC
CIC
CIC
CIC
S
CIC
CIC
52
5
5
2
2
5
5
5
2
5
2
5
=×
=
×
+
log (
) –
The output rate of this stage is given by the equation below.
f
f
M
SAMP
SAMP
CIC
5
2
5
≤
CIC5 Rejection
The table below illustrates the amount of bandwidth in percent-
age of the clock rate that can be protected with various decima-
tion rates and alias rejection specifications. The maximum input
rate into the CIC5 is 32.5 MHz. As in the previous table, these
are the 1/2 bandwidth characteristics of the CIC5. Note that the
CIC5 stage can protect a much wider band to any given rejection.
Table IV. SSB CIC5 Alias Rejection Table (fSAMP2 = 1)
MCIC5
–50 dB –60 dB
–70 dB
–80 dB –90 dB
–100 dB
2
10.227
8.078
6.393
5.066
4.008
3.183
3
7.924
6.367
5.11
4.107
3.297
2.642
4
6.213
5.022
4.057
3.271
2.636
2.121
5
5.068
4.107
3.326
2.687
2.17
1.748
6
4.267
3.463
2.808
2.27
1.836
1.48
7
3.68
2.989
2.425
1.962
1.588
1.281
8
3.233
2.627
2.133
1.726
1.397
1.128
9
2.881
2.342
1.902
1.54
1.247
1.007
10
2.598
2.113
1.716
1.39
1.125
0.909
11
2.365
1.924
1.563
1.266
1.025
0.828
12
2.17
1.765
1.435
1.162
0.941
0.76
13
2.005
1.631
1.326
1.074
0.87
0.703
14
1.863
1.516
1.232
0.998
0.809
0.653
15
1.74
1.416
1.151
0.932
0.755
0.61
16
1.632
1.328
1.079
0.874
0.708
0.572
17
1.536
1.25
1.016
0.823
0.667
0.539
18
1.451
1.181
0.96
0.778
0.63
0.509
19
1.375
1.119
0.91
0.737
0.597
0.483
20
1.307
1.064
0.865
0.701
0.568
0.459
21
1.245
1.013
0.824
0.667
0.541
0.437
22
1.188
0.967
0.786
0.637
0.516
0.417
23
1.137
0.925
0.752
0.61
0.494
0.399
24
1.09
0.887
0.721
0.584
0.474
0.383
25
1.046
0.852
0.692
0.561
0.455
0.367
26
1.006
0.819
0.666
0.54
0.437
0.353
27
0.969
0.789
0.641
0.52
0.421
0.34
28
0.934
0.761
0.618
0.501
0.406
0.328
29
0.902
0.734
0.597
0.484
0.392
0.317
30
0.872
0.71
0.577
0.468
0.379
0.306
31
0.844
0.687
0.559
0.453
0.367
0.297
32
0.818
0.666
0.541
0.439
0.355
0.287
This table helps to calculate an upper bound on decimation,
MCIC5, given the desired filter characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com