Electronic Components Datasheet Search
  English  ▼

X  

AD6623 Datasheet(PDF) 12 Page - Analog Devices

Part # AD6623
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6623 Datasheet HTML 8Page - Analog Devices AD6623 Datasheet HTML 9Page - Analog Devices AD6623 Datasheet HTML 10Page - Analog Devices AD6623 Datasheet HTML 11Page - Analog Devices AD6623 Datasheet HTML 12Page - Analog Devices AD6623 Datasheet HTML 13Page - Analog Devices AD6623 Datasheet HTML 14Page - Analog Devices AD6623 Datasheet HTML 15Page - Analog Devices AD6623 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
REV. 0
AD6623
–12–
128 PIN FUNCTION DESCRIPTIONS
Pin Number
Mnemonic
Type
Description
1, 3–5, 9, 19–21, 31, 32, 34–36, 38, 39,
42, 52–54, 64–65, 68, 72, 83–85, 95, 96,
98, 99, 102, 103, 116, 128
GND
P
Ground Connection
2
OEN
1
I
Active High Output Enable Pin
29, 28, 27, 25, 24, 23, 22, 18, 17, 16, 15,
13, 12, 11, 10, 8, 7, 6
OUT[17:0]
O/T
Parallel Output Data
47, 59, 66, 104, 127
VDD
P
2.5 V Supply
14, 26, 41, 78, 90, 110, 122
VDDIO
P
3.3 V Supply
30
QOUT
O/T
When HIGH indicates Q Output Data
(Complex Output Mode)
33, 37, 40, 43, 44, 45, 46, 48
D[7:0]
I/O/T
Bidirectional Microport Data
49
DS (RD)
I
INM Mode: Read Signal, MNM Mode: Data Strobe Signal
50
DTACK
(RDY)
O
Acknowledgment of a Completed Transaction (Signals when
µP Port Is Ready for an Access) Open Drain, Must Be
Pulled Up Externally
51
RW (
WR)
I
Active HIGH Read, Active Low Write
55
MODE
I
Sets Microport Mode: MODE = 1, MNM Mode; MODE = 0,
INM Mode
56, 57, 58
A[2:0]
I
Microport Address Bus
60
CS
I
Chip Select, Active low enable for
µP Access
61
RESET2
I
Active Low Reset Pin
62
SYNC0
1
I
SYNC Signal for Synchronizing Multiple AD6623s
63
SYNC1
1
I
SYNC Signal for Synchronizing Multiple AD6623s
67
CLK
1
I
Input Clock
69
SYNC2
1
I
SYNC Signal for Synchronizing Multiple AD6623s
70
QIN
1
I
When HIGH indicates Q input data (Complex Input Mode)
71, 74–77, 79–82, 86–89, 91–94, 97
INOUT[17:0]
1
I/O
Wideband Input/Output Data (Allows Cascade of Multiple
AD6623 Chips In a System)
73
SYNC3
1
I
SYNC Signal for Synchronizing Multiple AD6623s
100
TRST2
I
Test Reset Pin
101
TCK
1
I
Test Clock Input
105
SDFIA
I
Serial Data Frame Input—Channel A
106
TMS
2
I
Test Mode Select
107
TDO
O
Test Data Output
108
TDI
1
I
Test Data Input
109
SCLKA
I/O
Bidirectional Serial Clock—Channel A
111
SDFOA
O
Serial Data Frame Sync Output—Channel A
112
SDINA
1
I
Serial Data Input—Channel A
113
SCLKB
I/O
Bidirectional Serial Clock—Channel B
114
SDFOB
O
Serial Data Frame Sync Output—Channel B
115
SDFIB
I
Serial Data Frame Input —Channel B
117
SDFIC
I
Serial Data Frame Input—Channel C
118
SDINB
1
I
Serial Data Input—Channel B
119
SCLKC
I/O
Bidirectional Serial Clock—Channel C
120
SDFOC
O
Serial Data Frame Sync Output—Channel C
121
SDINC
1
I
Serial Data Input—Channel C
123
SCLKD
I/O
Bidirectional Serial Clock—Channel D
124
SDFOD
O
Serial Data Frame Sync Outpu—Channel D
125
SDIND
1
I
Serial Data Input—Channel D
126
SDFID
I
Serial Data Frame Input—Channel D
NOTES
1Pins with a Pull-Down resistor of nominal 70 k
Ω.
2Pins with a Pull-Up resistor of nominal 70 k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com