Electronic Components Datasheet Search
  English  ▼

X  

AD6623 Datasheet(PDF) 36 Page - Analog Devices

Part # AD6623
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD6623 Datasheet HTML 32Page - Analog Devices AD6623 Datasheet HTML 33Page - Analog Devices AD6623 Datasheet HTML 34Page - Analog Devices AD6623 Datasheet HTML 35Page - Analog Devices AD6623 Datasheet HTML 36Page - Analog Devices AD6623 Datasheet HTML 37Page - Analog Devices AD6623 Datasheet HTML 38Page - Analog Devices AD6623 Datasheet HTML 39Page - Analog Devices AD6623 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
REV. 0
AD6623
–36–
Read Pseudocode
Void Read_Micro(ext_address);
Main()
{
/* This code shows the reading of the NCO
frequency register using the Read_Micro
function defined above.
The variable
address is the External Address A[2:0]
Internal Address = 0x102, channel 1
*/
/*Holding registers for NCO byte wide
access data*/
int d3, d2, d1, d0;
/*NCO frequency word (32 bits wide)*/
/*write Chan */
Write_Micro(7, 0x01);
/*write Addr*/
Write_Micro(6,0x02);
/*read Byte 0,
all data is moved from the
Internal Registers to the interface
registers on this access, thus Byte 0 must
be accessed first for the other Bytes to be
valid*/
d0=Read_Micro(0) & 0xFF;
/*read Byte 1*/
d1=Read_Micro(1) & 0xFF;
/*read Byte 2*/
d2=Read_Micro(2) & 0xFF;
/*read Byte 0 */
d3=Read_Micro(3) & 0xFF;
}
APPLICATIONS
The AD6623 provides considerable flexibility for the control of
the synchronization, relative phasing, and scaling of the individual
channel inputs. Implementation of a multichannel transmitter
invariably begins with an analysis of the output spectrum that
must be generated.
USING THE AD6623 TO PROCESS UMTS CARRIERS
The AD6623 may be used to process two UMTS carriers, each
with an output oversampling rate of 24
(i.e., 92.16 MSPS).
The AD6623 configuration used to accomplish this consists of
using two processing channels in parallel to process each UMTS
carrier. Please refer to the Technical Note: Processing Two UMTS
Carriers with 24
Oversampling Using the AD6623.
DIGITAL TO ANALOG CONVERTER (DAC) SELECTION
The selection of a high-performance DAC depends on a number
of factors. The dynamic range of the DAC must be considered
from a noise and spectral purity perspective. The 14-bit AD9772A
is the best choice for overall bandwidth, noise, and spectral purity.
In order to minimize the complexity of the analog interpolation
filter which must follow the DAC, the sample rate of the master
clock is generally set to at least three times the maximum analog
frequency of interest.
In the case where a 15 MHz band of interest is to be up-converted
to RF, the lowest frequency might be 5 MHz and the upper band
edge at 20 MHz (offset from dc to afford the best image reject
filter after the first digital IF). The minimum sample rate would
be set to 65 MSPS.
Consideration must also be given to data rate of the incoming
data stream, interpolation factors, and the clock rate of the DSP.
MULTIPLE TSP OPERATION
Each of the four Transmit Signal Processors (TSPs) of the AD6623
can adequately reject the interpolation images of narrow band-
width carriers such as AMPS, IS-136, GSM, EDGE, and PHS.
Wider bandwidth carriers such as IS-95 and IMT2000 require a
coordinated effort of multiple processing channels.
This section demonstrates how to coordinate multiple TSPs to
create wider bandwidth channels without sacrificing image
rejection. As an example, a UMTS carrier is modulated using
four TSP channels (an entire AD6623). The same principles
can be applied to different designs using more or fewer TSPs.
This section does not explore techniques for using multiple TSPs
to solve problems other than Serial Port or RCF throughput.
Designing filter coefficients and control settings for de-interleaved
TSPs is no harder than designing a filter for a single TSP. For
example, if four TSPs are to be used, simply divide the input
data rate by four and generate the filter as normal. For any
design, a better filter can always be realized by incrementing the
number of TSPs to be used. When it is time to program the
TSPs, only two small differences must be programmed. First,
each channel is configured with exactly the same filter, scalers,
modes and NCO frequency. Since each channel receives data at
one-quarter the data rate and in a staggered fashion, the Start
Hold-Off Counters must also be staggered (see “Programming
Multiple TSPs” section). Second, the phase offset of each NCO
must be set to match the demultiplexed ratio (in this example).
Thus the phase offset should be set to 90 degrees (16384 which
is one-quarter of a 16-bit register).
Determining the Number of TSPs to Use
There are three limitations of a single TSP that can be over-
come by deinterleaving an input stream into multiple TSPs:
Serial Port bandwidth, the time restriction to the RCF impulse
response length (NRCF), and the DMEM restriction to NRCF.
If the input sample rate is faster than the Serial Port can accept
data, the data can be de-interleaved into multiple Serial Ports.
Recalling from the Serial Port description, the SCLK frequency
(fSCLK) is determined by the equation below. To minimize the
number of processing channels, SCLKdivider should be set as low
as possible to get the highest fSCLK- that the serial data source
can accept.
f
f
SCLKdivider
SCLK
CLK
=
+ 1
(29)
A minimum of 32 SCLK cycles are required to accept an input
sample, so the minimum number of TSPs (NTSP) due to limited
Serial Port bandwidth is a function of the input sample rate (fIN),
as shown in the equation below.
N
ceil
f
f
TSP
IN
SCLK
≥
×


32
(30)
For example for a UMTS system, we will assume fCLK = 76.8 MHz,
and the serial data source can drive data at 38.4 Mbps
(SCLKdivider = 0). To achieve fIN = 3.84 MHz, the minimum
NTSP is 3 with a Serial Clock fSCLK = 52 MHz which is a limitation
of the Serial Port (This is TSP channels, not TSP ICs).
Multiple TSPs are also required if the RCF does not have enough
time or DMEM space to calculate the required RCF filter. Recalling
the maximum NTAPS– equation from the RCF description, are
three restrictions to the RCF impulse response length, NRCF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com