Electronic Components Datasheet Search
  English  ▼

X  

AD6623 Datasheet(PDF) 30 Page - Analog Devices

Part # AD6623
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD6623 Datasheet HTML 26Page - Analog Devices AD6623 Datasheet HTML 27Page - Analog Devices AD6623 Datasheet HTML 28Page - Analog Devices AD6623 Datasheet HTML 29Page - Analog Devices AD6623 Datasheet HTML 30Page - Analog Devices AD6623 Datasheet HTML 31Page - Analog Devices AD6623 Datasheet HTML 32Page - Analog Devices AD6623 Datasheet HTML 33Page - Analog Devices AD6623 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
REV. 0
AD6623
–30–
internal registers, External Address [0] must be written last to
insure all data is transferred. Reads are the opposite in that
External Address [0] must be the first data register read (after setting
the appropriate internal address) to initiate an internal access.
External Address [5:4] reads and writes are transferred immediately
to internal control registers. External Address [4] is the sleep register.
The sleep bits can be set collectively by the address. The sleep bits
can be cleared by operation of start syncs (described below).
External Address [5] is the sync register. These bits are write only.
There are three types of syncs: start, hop, and beam. Each of these
can be sent to any or all of the four channels. For example, a write of
X0010100
would issue a start sync to channel C only. A write of
X1101111
would issue a beam sync and a hop sync to all channels.
The internal address bus is 12 bits wide and the internal data bus
is 32 bits wide. External address 7 is the UAR (Upper Address
Register) and stores the upper four bits of the address space in
UAR[3:0]. UAR[7:6] define the auto-increment feature. If Bit 6
is high, the internal address is incremented after an internal read.
If Bit 7 is high, the internal address is incremented after an internal
write. If both bits are high, the internal address in incremented
after either a write or a read. This feature is designed for sequential
access to internal locations. External address 6 is the LAR (Lower
Address Register) and stores the lower 8 bits of the internal
address. External addresses 3 through 0 store the 32 bits of the
internal data. All internal accesses are two clock cycles long.
Writing to an internal location with a data width of 16 bits is
achieved by first writing the upper four bits of the address to bits
3 through 0 of the UAR (bits 7 and 6 of the UAR are written to
determine whether or not the auto increment feature is enabled).
The LAR is then written with the lower eight bits of the internal
address (it doesn’t matter if the LAR is written before the UAR as
long as both are written before the internal access). Since the data
width of the internal address is 16 bits, only data register 1 and data
register 0 are needed. Data register 1 must be written first because
the write to data register 0 triggers the internal access. Data register
0 must always be the last register written to initiate the internal write.
Reading from the MicroPort is accomplished in a similar manner.
The internal address is first written. A read from data register 0
activates the internal read, thus register 0 must always be read first
to initiate an internal read. This provides the 8 LSBs of the internal
read through the MicroPort (D[7:0]). Additional bytes are then
read by changing the external address (A[2:0]) and performing
additional reads. If data register 3 (or any other) is read before
data register 0, incorrect data will be read. Data register 0 must
be read first in order to transfer data from the core memory to the
external memory locations. Once the data register is read, the remaining
locations may be examined in any order.
Access to the external registers of Table XX is accomplished
in one of two modes using the
CS, DS(RD), RW(WR), and
DTACK(RDY) inputs. The access modes are Intel Nonmulti-
plexed mode and Motorola Nonmultiplexed mode. These modes
are controlled by the MODE input (MODE = 0 for INM,
MODE = 1 for MNM).
Intel Nonmultiplexed Mode (INM)
MODE must be tied low to operate the AD6623 MicroPort in
INM mode. The access type is controlled by the user with the
chip select (
CS), read (RD), and write (WR) inputs. The ready
(RDY) signal is produced by the MicroPort to communicate to
the user the MicroPort is ready for an access. RDY goes low at
the start of the access and is released when the internal cycle is
complete. See the timing diagrams for both the read and write
modes in the Specifications.
Motorola Nonmultiplexed Mode (MNM)
MODE must be tied high to operate the AD6623 MicroPort in
MNM mode. The access type is controlled by the user with the
chip select (
CS), data strobe (DS), and read/write (RW) inputs.
The data acknowledge (
DTACK) signal is produced by the
MicroPort to acknowledge the completion of an access to the user.
DTACK goes low when an internal access is complete and then
will return high after
DS is deasserted. See the timing diagrams
for both the read and write modes in the Specifications.
The
DTACK(RDY) pin is configured as an open drain so that
multiple devices may be tied together at the microprocessor/
microcontroller without contention.
The MicroPort of the AD6623 allows for multiple accesses while
CS is held low (CS can be tied permanently low if the MicroPort
is not shared with additional devices). The user can access multiple
locations by pulsing the RW(
WR) or DS(RD) lines and changing
the contents of the external three bit address bus (A[2:0]).
External Address 7 Upper Address Register (UAR)
Sets the four most significant bits of the internal address, effectively
selecting channels 1, 2, 3, or 4 (D2:D0). The autoincrement of
read and write are also set (D7:D6).
External Address 6 Lower Address Register (LAR)
Sets the internal address 8 LSBs (D7:D0).
External Address 5 Sync
This register is write only. Bits in this address control the synchro-
nization of the AD6623 channels. If the user intends to bring up
channels with no synchronization requirements then all bits of this
register should be written low. Two types of sync signals are available
with the AD6623. The first is Soft Sync. Soft Sync is software
synchronization enabled through the MicroPort. The second
synchronization method is Pin Sync. Pin Sync is enabled by a signal
Table XXI. External Registers
External Data
External Address
D7
D6
D5
D4
D3
D2
D1
D0
7:UAR
Wrinc
Rdinc
––
IAII
IAIO
IA9
IA8
6:LAR
IA7
IA6
IA5
IA4
IA3
IA2
IA1
IA0
5:Sync
–
Beam
Hop
Start
Sync D
Sync C
Sync B
Sync A
4:Sleep
Prog D
Prog C
Prog B
Prog A
Sleep D
Sleep C
Sleep B
Sleep A
3:Byte3
ID31
ID30
ID29
ID28
ID27
ID26
ID25
ID24
2:Byte2
ID23
ID22
ID21
ID20
ID19
ID18
ID17
ID16
1:Byte1
ID15
ID14
ID13
ID12
ID11
ID10
ID9
ID8
0:Byte0
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com