Electronic Components Datasheet Search
  English  ▼

X  

AD671 Datasheet(PDF) 6 Page - Analog Devices

Part # AD671
Description  Monolithic 12-Bit 2 MHz A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD671 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD671 Datasheet HTML 2Page - Analog Devices AD671 Datasheet HTML 3Page - Analog Devices AD671 Datasheet HTML 4Page - Analog Devices AD671 Datasheet HTML 5Page - Analog Devices AD671 Datasheet HTML 6Page - Analog Devices AD671 Datasheet HTML 7Page - Analog Devices AD671 Datasheet HTML 8Page - Analog Devices AD671 Datasheet HTML 9Page - Analog Devices AD671 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD671
REV. B
–6–
AD671 PIN DESCRIPTION
Symbol
Pin
Type
Name and Function
ACOM
22
P
Analog Ground.
AIN
20
AI
Analog Input Signal.
BIT1 (MSB)
12
DO
Most Significant Bit.
BIT2–BIT11
11–2
DO
Data Bits 2–11.
BIT12 (LSB)
1
DO
Least Significant Bit.
BPO/UPO
21
AI
Bipolar or Unipolar
Configuration Pin. Connect to
AIN for 0 V to +5 V Span, to
ACOM for 0 V to +10 V Span
and to REF IN for –5 V to
+5 V Span.
DAV
15
DO
Data Available Output. The
Rising Edge of DAV Indicates
an End of Conversion and Can
Be Used to Latch Current
Data into an External
Register. The Falling Edge of
DAV Can Be Used to Latch
Previous Data into an External
Register.
DCOM
18
P
Digital Ground.
ENCODE
16
DI
The AD671 Starts a
Conversion on the Rising
Edge of the ENCODE Pulse.
MSB
13
DO
Inverted Most Significant Bit.
Provides Twos Complement
Output Data Format.
OTR
14
DO
Out of Range Is Active HIGH
when the analog input is
beyond the input range of the
converter.
REF IN
19
AI
+5 V Reference Input.
VCC
23
P
+5 V Analog Power.
VEE
24
P
–5 V Analog Power.
VLOGIC
17
P
+5 V Digital Power.
TYPE:
AI = Analog Input
DI = Digital Input
DO = Digital Output
P = Power
CONNECTION DIAGRAM
PINOUT
1
2
3
4
5
6
7
8
9
10
11
24
23
22
21
20
19
18
17
16
15
14
12
13
TOP VIEW
(Not to Scale)
AD671
BIT12 (LSB)
BIT11
BIT10
BIT9
BIT8
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1 (MSB)
MSB
OTR
DAV
ENCODE
DCOM
REF IN
AIN
BPO/UPO
ACOM
V
CC
VEE
V
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com