Electronic Components Datasheet Search
  English  ▼

X  

AD678 Datasheet(PDF) 5 Page - Analog Devices

Part # AD678
Description  12-Bit 200 kSPS Complete Sampling ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD678 Datasheet(HTML) 5 Page - Analog Devices

  AD678 Datasheet HTML 1Page - Analog Devices AD678 Datasheet HTML 2Page - Analog Devices AD678 Datasheet HTML 3Page - Analog Devices AD678 Datasheet HTML 4Page - Analog Devices AD678 Datasheet HTML 5Page - Analog Devices AD678 Datasheet HTML 6Page - Analog Devices AD678 Datasheet HTML 7Page - Analog Devices AD678 Datasheet HTML 8Page - Analog Devices AD678 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AD678
REV. C
–5–
ORDERING GUIDE
Model
1
Package
Temperature Range
Tested and Specified
Package Option
2
AD678JN
28-Lead Plastic DIP
0
°C to +70°C
AC
N-28
AD678KN
28-Lead Plastic DIP
0
°C to +70°C
AC + DC
N-28
AD678JD
28-Lead Ceramic DIP
0
°C to +70°C
AC
D-28
AD678KD
28-Lead Ceramic DIP
0
°C to +70°C
AC + DC
D-28
AD678AD
28-Lead Ceramic DIP
–40
°C to +85°C
AC
D-28
AD678BD
28-Lead Ceramic DIP
–40
°C to +85°C
AC + DC
D-28
AD678AJ
44-Lead Ceramic JLCC
–40
°C to +85°C
AC
J-44
AD678BJ
44-Lead Ceramic JLCC
–40
°C to +85°C
AC + DC
J-44
AD678SD
28-Lead Ceramic DIP
–55
°C to +125°C
AC
D-28
AD678TD
28-Lead Ceramic DIP
–55
°C to +125°C
AC + DC
D-28
NOTES
1For details on grade and package offerings screened in accordance with MIL-STD-883, refer to Analog Devices Military Products Databook or /883 data sheet.
2N = Plastic DIP; D = Ceramic DIP; J = J-Leaded Ceramic Chip Carrier.
ABSOLUTE MAXIMUM RATINGS*
With
Respect
Specification
To
Min
Max
Units
VCC
AGND
–0.3
+18
V
VEE
AGND
–18
+0.3
V
VCC
VEE
–0.3
+26.4
V
VDD
DGND
0
+7
V
AGND
DGND
–1
+1
V
AIN, REFIN
AGND
VEE
VCC
V
Digital Inputs
DGND
–0.5
+7
V
Digital Outputs
DGND
–0.5
VDD + 0.3 V
Max Junction
Temperature
175
°C
Operating Temperature
J and K Grades
0
+70
°C
A and B Grades
–40
+85
°C
S and T Grades
–55
+125
°C
Storage Temperature
–65
+150
°C
Lead Temperature
(10 sec max)
+300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ESD SENSITIVITY
The AD678 features input protection circuitry consisting of large “distributed” diodes and polysilicon
series resistors to dissipate both high energy discharges (Human Body Model) and fast, low energy
pulses (Charged Device Model). Per Method 3015.2 of MIL-STD-883C, the AD678 has been
classified as a Category 1 device.
Proper ESD precautions are strongly recommended to avoid functional damage or performance
degradation. Charges as high as 4000 volts readily accumulate on the human body and test equipment
and discharge without detection. Unused devices must be stored in conductive foam or shunts, and
the foam should be discharged to the destination socket before devices are removed. For further
information on ESD precautions, refer to Analog Devices’ ESD Prevention Manual.
AD678
CS
SC OE EOCEN SYNC 12/8 EOC
DB11
DB2
DB1
(R/
L)
DB0
(HBE)
VCC
VEE
VDD
DGND
OUTPUT
REGISTER
4-BIT FLASH
A/D
CONVERTER
CONTROL LOGIC
CONVERSION
LOGIC
SAMPLE/
HOLD
GAIN
STAGE
12-BIT D/A
CONVERTER
VOLTAGE
REF.
12
12
4
REFOUT
REFIN
BIPOFF
AIN
AGND
Functional Block Diagram
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com