Electronic Components Datasheet Search
  English  ▼

X  

AD678 Datasheet(PDF) 9 Page - Analog Devices

Part # AD678
Description  12-Bit 200 kSPS Complete Sampling ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD678 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD678 Datasheet HTML 5Page - Analog Devices AD678 Datasheet HTML 6Page - Analog Devices AD678 Datasheet HTML 7Page - Analog Devices AD678 Datasheet HTML 8Page - Analog Devices AD678 Datasheet HTML 9Page - Analog Devices AD678 Datasheet HTML 10Page - Analog Devices AD678 Datasheet HTML 11Page - Analog Devices AD678 Datasheet HTML 12Page - Analog Devices AD678 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AD678
REV. C
–9–
CONVERSION CONTROL
In synchronous mode (SYNC = HIGH), both Chip Select (
CS)
and Start Convert (
SC) must be brought LOW to start a con-
version.
CS should be LOW t
SC before SC is brought LOW. In
asynchronous mode (SYNC = LOW), a conversion is started by
bringing
SC low, regardless of the state of CS.
Before a conversion is started, End-of-Convert (EOC) is HIGH,
and the sample-hold is in track mode. After a conversion is
started, the sample-hold goes into hold mode and EOC goes
LOW, signifying that a conversion is in progress. During the
conversion, the sample-hold will go back into track mode and
start acquiring the next sample. EOC goes HIGH when the con-
version is finished.
In track mode, the sample-hold will settle to
±0.01% (12 bits)
in 1
µs maximum. The acquisition time does not affect the
throughput rate as the AD678 goes back into track mode more
than 1
µs before the next conversion. In multichannel systems,
the input channel can be switched as soon as EOC goes LOW if
the maximum throughput rate is needed.
12-Bit Mode Coding Format (1 LSB = 2.44 mV)
Unipolar Coding
Bipolar Coding
(Straight Binary)
(Twos Complement)
VIN*
Output Code
VIN*
Output Code
0 V
000 . . . 0
–5.000 V
100 . . . 0
5.000 V
100 . . . 0
–0.002 V
111 . . . 1
9.9976 V
111 . . . 1
+0.000 V
000 . . . 0
+2.500 V
010 . . . 0
+4.9976 V
011 . . . 1
*Code center.
OUTPUT ENABLE TRUTH TABLES
12-BIT MODE (12/
8 = HIGH)
INPUTS
OUTPUT
(
CS U OE)
DB11–DB0
1
High Z
0
Enable 12-Bit Output
8-BIT MODE (12/
8 = LOW)
INPUTS
OUTPUTS
R/
L HBE (CS U OE)
DB11 . . . DB4
X
X
1
High Z
1
0
0
0 000a b c d
Unipolar
1
1
0
e f
g h i
j
k l
Mode
0
0
0
a b c d e f
g h
0
1
0
i
j
k l
0000
1
0
0
a aaaab c d
Bipolar
1
1
0
e f
g h i
j
k 1
Mode
0
0
0
a b c d e f
g h
0
1
0
i
j
k l
0000
NOTES
1 = HIGH voltage level.
a = MSB.
0 = LOW voltage level.
1 = LSB.
X = Don’t care.
U = Logical OR.
END-OF-CONVERT
In asynchronous mode, End-of-Convert (EOC) is an open drain
output (requiring a minimum 3 k
Ω pull-up resistor) enabled by
End-of-Convert ENable (
EOCEN). In synchronous mode,
EOC is a three-state output which is enabled by
EOCEN and
CS. See the Conversion Status Truth Table for details. Access
(tBA) and float (tFD) timing specifications do not apply in asyn-
chronous mode where they are a function of the time constant
formed by the 10 pF output capacitance and the pull-up
resistor.
START CONVERSION TRUTH TABLE
INPUTS
SYNC
CS
SC
STATUS
1
1
X
No Conversion
Synchronous
1
0
Start Conversion
Mode
1
0
Start Conversion
(Not Recommended)
1
0
0
Continuous Conversion
(Not Recommended)
0
X
1
No Conversion
Asynchronous
0
X
Start Conversion
Mode
0
X
0
Continuous Conversion
(Not Recommended)
NOTES
1 = HIGH voltage level.
0 = LOW voltage level.
X = Don’t care.
X = HIGH to LOW transition. Must stay low for t = tCP.
CONVERSION STATUS TRUTH TABLE
INPUTS
OUTPUT
SYNC
CS EOCEN EOC
STATUS
1
0
0
0
Converting
1
0
0
1
Not Converting
Synchronous
1
1
X
High Z
Either
Mode
1
X
1
High Z
Either
0
X
0
0
Converting
Asynchronous 0
X
0
High Z
Not Converting
Mode*
0
X
1
High Z
Either
NOTES
l = HIGH voltage level.
0 = LOW voltage level.
X = Don’t care.
*EOC requires a pull-up resistor in asynchronous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com