Electronic Components Datasheet Search
  English  ▼

X  

AD678 Datasheet(PDF) 4 Page - Analog Devices

Part # AD678
Description  12-Bit 200 kSPS Complete Sampling ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD678 Datasheet(HTML) 4 Page - Analog Devices

  AD678 Datasheet HTML 1Page - Analog Devices AD678 Datasheet HTML 2Page - Analog Devices AD678 Datasheet HTML 3Page - Analog Devices AD678 Datasheet HTML 4Page - Analog Devices AD678 Datasheet HTML 5Page - Analog Devices AD678 Datasheet HTML 6Page - Analog Devices AD678 Datasheet HTML 7Page - Analog Devices AD678 Datasheet HTML 8Page - Analog Devices AD678 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AD678
REV. C
–4–
TIMING SPECIFICATIONS
Parameter
Symbol
Min
Max
Units
SC Delay
tSC
50
ns
Conversion Time
tC
3.0
4.4
µs
Conversion Rate
l
tCR
5
µs
Convert Pulsewidth
tCP
97
ns
Aperture Delay
tAD
520
ns
Status Delay
tSD
0
400
ns
Access Time
2, 3
tBA
10
100
ns
10
57
4
ns
Float Delay
5
tFD
10
80
ns
Output Delay
tOD
0ns
Format Setup
tFS
47
ns
OE Delay
tOE
0ns
Read Pulsewidth
tRP
97
ns
Conversion Delay
tCD
150
ns
EOCEN Delay
tEO
0ns
NOTES
1Includes acquisition time.
2Measured from the falling edge of
OE/EOCEN (0.8 V) to the time at which the data lines/EOC cross 2.0 V or 0.8 V. See Figure 3.
3C
OUT = 100 pF.
4C
OUT = 50 pF.
5Measured from the rising edge of
OE/EOCEN (2.0 V) to the time at which the output voltage changes by 0.5 V. See Figure 3; C
OUT = 10 pF.
Specifications subject to change without notice.
(All grades, TMIN to TMAX, VCC = +12 V
5%, VEE = –12 V
5%, VDD = +5 V
10% unless
otherwise noted)
Figure 1. Conversion Timing
Figure 2. EOC Timing
Figure 3. Load Circuit for Bus Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com