Electronic Components Datasheet Search
  English  ▼

X  

MJD243 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MJD243
Description  NPN SILICON POWER TRANSISTOR 4 AMPERES 100 VOLTS 12.5 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJD243 Datasheet(HTML) 4 Page - Motorola, Inc

  MJD243 Datasheet HTML 1Page - Motorola, Inc MJD243 Datasheet HTML 2Page - Motorola, Inc MJD243 Datasheet HTML 3Page - Motorola, Inc MJD243 Datasheet HTML 4Page - Motorola, Inc MJD243 Datasheet HTML 5Page - Motorola, Inc MJD243 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJD243
4
Motorola Bipolar Power Transistor Device Data
200
VR, REVERSE VOLTAGE (VOLTS)
10
100
70
100
30
Figure 10. Capacitance
50
20
50
7
5
2
1
30
3
TJ = 25°C
Cib
Cob
20
10
70



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com