Electronic Components Datasheet Search
  English  ▼

X  

MJD243 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MJD243
Description  NPN SILICON POWER TRANSISTOR 4 AMPERES 100 VOLTS 12.5 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJD243 Datasheet(HTML) 1 Page - Motorola, Inc

  MJD243 Datasheet HTML 1Page - Motorola, Inc MJD243 Datasheet HTML 2Page - Motorola, Inc MJD243 Datasheet HTML 3Page - Motorola, Inc MJD243 Datasheet HTML 4Page - Motorola, Inc MJD243 Datasheet HTML 5Page - Motorola, Inc MJD243 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Plastic Power Transistor
DPAK For Surface Mount Applications
. . . designed for low voltage, low–power, high–gain audio amplifier applications.
• Collector–Emitter Sustaining Voltage — VCEO(sus) = 100 Vdc (Min) @ IC = 10 mAdc
• High DC Current Gain — hFE = 40 (Min) @ IC = 200 mAdc
= 15 (Min) @ IC = 1.0 Adc
• Lead Formed for Surface Mount Applications in Plastic Sleeves (No Suffix)
• Straight Lead Version in Plastic Sleeves (“–1” Suffix)
• Lead Formed Version in 16 mm Tape and Reel (“T4” Suffix)
• Low Collector–Emitter Saturation Voltage —
VCE(sat) = 0.3 Vdc (Max) @ IC = 500 mAdc
= 0.6 Vdc (Max) @ IC = 1.0 Adc
• High Current–Gain — Bandwidth Product — fT = 40 MHz (Min) @ IC = 100 mAdc
• Annular Construction for Low Leakage — ICBO = 100 nAdc @ Rated VCB
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Base Voltage
VCB
100
Vdc
Collector–Emitter Voltage
VCEO
100
Vdc
Emitter–Base Voltage
VEB
7
Vdc
Collector Current — Continuous
Peak
IC
4
8
Adc
Base Current
IB
1
Adc
Total Device Dissipation @ TC = 25_C
Derate above 25
_C
PD
12.5
0.1
Watts
W/
_C
Total Device Dissipation @ TA = 25_C*
Derate above 25
_C
PD
1.4
0.011
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
Junction to Ambient*
R
θJC
R
θJA
10
89.3
_C/W
* When surface mounted on minimum pad sizes recommended.
25
25
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
50
75
100
125
150
15
10
TC
5
20
2.5
0
1.5
1
TA
0.5
2
TC
TA (SURFACE MOUNT)
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJD243/D
© Motorola, Inc. 1995
MJD243
NPN SILICON
POWER TRANSISTOR
4 AMPERES
100 VOLTS
12.5 WATTS
*Motorola Preferred Device
MINIMUM PAD SIZES
RECOMMENDED FOR
SURFACE MOUNTED
APPLICATIONS
inches
mm
*
CASE 369A–13
CASE 369–07
REV 1


Similar Part No. - MJD243

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD243 ONSEMI-MJD243 Datasheet
124Kb / 8P
Complementary Silicon Plastic Power Transistor
March, 2004 ??Rev. 8
MJD243 ONSEMI-MJD243 Datasheet
98Kb / 8P
Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications
March, 2007 ??Rev. 10
MJD243 ONSEMI-MJD243 Datasheet
149Kb / 8P
Complementary Silicon Plastic Power Transistor
January, 2011 ??Rev. 12
MJD243 ONSEMI-MJD243 Datasheet
168Kb / 8P
Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
MJD243 ONSEMI-MJD243 Datasheet
168Kb / 8P
Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
More results

Similar Description - MJD243

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUH100 MOTOROLA-BUH100 Datasheet
474Kb / 10P
POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
BUT33 MOTOROLA-BUT33 Datasheet
284Kb / 8P
56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
BUV11 MOTOROLA-BUV11 Datasheet
138Kb / 4P
20 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 150 WATTS
BUV21 MOTOROLA-BUV21 Datasheet
139Kb / 4P
40 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 250 WATTS
BUV22 MOTOROLA-BUV22 Datasheet
137Kb / 4P
40 AMPERES NPN SILICON POWER METAL TRANSISTOR 250 VOLTS 250 WATTS
BUX41 MOTOROLA-BUX41 Datasheet
122Kb / 4P
15 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 120 WATTS
BUX85 MOTOROLA-BUX85 Datasheet
115Kb / 4P
2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
MJD200 MOTOROLA-MJD200 Datasheet
236Kb / 6P
SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS
logo
ON Semiconductor
BUH100 ONSEMI-BUH100 Datasheet
474Kb / 10P
POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
BUT33 ONSEMI-BUT33 Datasheet
284Kb / 8P
56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
1995 REV 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com