Electronic Components Datasheet Search
  English  ▼

X  

AD723 Datasheet(PDF) 12 Page - Analog Devices

Part # AD723
Description  2.7 V to 5.5 V RGB-to-NTSC/PAL Encoder with Load Detect and Input Termination Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD723 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD723 Datasheet HTML 8Page - Analog Devices AD723 Datasheet HTML 9Page - Analog Devices AD723 Datasheet HTML 10Page - Analog Devices AD723 Datasheet HTML 11Page - Analog Devices AD723 Datasheet HTML 12Page - Analog Devices AD723 Datasheet HTML 13Page - Analog Devices AD723 Datasheet HTML 14Page - Analog Devices AD723 Datasheet HTML 15Page - Analog Devices AD723 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. 0
AD723
–12–
Table I. Timing Description (See Figure 6)
Symbol
Name
Description
NTSC
1
PAL
2
tSW
Sync Width
Input valid sync width for burst
Min
2.8
µs
Min
3.3
µs
insertion (user-controlled).
Max
5.3
µs
Max
5.4
µs
tSB
Sync to Blanking
Minimum sync to color delay
End
(user-controlled).
Min
8.2
µs
Min
8.1
µs
tSM
Sync to Modulator
Delay to modulator clamp start.
8.4
µs
8.3
µs
Restore
tMW
Modulator Restore
Length of modulator offset clamp
1.1
µs
0.9
µs
Width
(no chroma during this period).
tSR
Sync to RGB DC
Delay to input clamping start.
5.4 ms
5.6 ms
Restore
tRW
DC Restore Width
Length of input clamp (no RGB
2.5
µs
2.3
µs
response during this period).
tSD
Sync to Delay Line
Delay to start of delay line
5.7
µs
5.8
µs
Reset
clock reset.
tDW
Delay Line Reset
Length of delay line clock reset
2.5
µs
2.3
µs
Width
(no luma response during this
period), also burst gate.
tSS
Sync Input to Luma
Delay from sync input assertion
Typ
310 ns
Typ
265 ns
Sync Output
to sync in LUMA output.
tBY
Blanking End to
Delay from RGB input assertion
Typ
340 ns
Typ
280 ns
LUMA Start
to LUMA output response.
tSC
Sync to Colorburst
Delay from valid horizontal sync
Typ
5.8
µs
Typ
5.9
µs
start to CRMA colorburst output.
tBC
Blanking End to
Delay from RGB input assertion
CRMA Start
to CRMA output response.
Typ
360 ns
Typ
300 ns
NOTES
1Input clock = 14.318180 MHz, STND pin = logic high.
2Input clock = 17.734475 MHz, STND pin = logic low.
tMW
tSW
tSB
tSR
tRW
tSD
tDW
tSS
tBY
tSC
tBC
HSYNC/VSYNC
(USER INPUTS)
RIN/GIN BIN
(USER INPUTS)
MODULATOR
RESTORE
INPUT
CLAMPS
BURST FLAG/
DELAY LINE RESET
Y
C
tSM
Figure 6. Timing Diagram (Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com